Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3216LAH Datasheet(PDF) 15 Page - FIDELIX

Part # CMS3216LAH
Description  32M(2Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3216LAH Datasheet(HTML) 15 Page - FIDELIX

Back Button CMS3216LAH Datasheet HTML 11Page - FIDELIX CMS3216LAH Datasheet HTML 12Page - FIDELIX CMS3216LAH Datasheet HTML 13Page - FIDELIX CMS3216LAH Datasheet HTML 14Page - FIDELIX CMS3216LAH Datasheet HTML 15Page - FIDELIX CMS3216LAH Datasheet HTML 16Page - FIDELIX CMS3216LAH Datasheet HTML 17Page - FIDELIX CMS3216LAH Datasheet HTML 18Page - FIDELIX CMS3216LAH Datasheet HTML 19Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
Rev0.2, Aug. 2006
CMS3216LAx-75Ex
Absolute Maximum Ratings
Voltage on VDD/VDDQ Supply
Relative to VSS …………………………………...-0.5V to + 2.6V
Voltage on Inputs, NC or I/O Pins
Relative to VSS ……………………………….…. –0.5V to +2.6V
Storage Temperature(plastic) ………….……. -55℃ to + 150℃
Power Dissipation
……………………….….………………1W
*Stresses greater than those listed under “Maximum Ratings”
may cause permanent damage to the device.This is a stress
rating only, and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may affect
reliability.
Operating Range
-10℃ to +60℃
Special
CMS3216LAx-75ES
0℃ to +70℃
Commercial
CMS3216LAx-75EC
-25℃ to +85℃
Extended
CMS3216LAx-75EE
1.70V to VDD
1.70V to 1.95V
-40℃ to +85℃
Industrial
CMS3216LAx-75EI
VDDQ
VDD
Ambient Temperature
Range
Device
V
1.95
1.70
VDDQ
I/O Supply Voltage
V
1.95
1.70
VDD
Supply Voltage
V
0.2
VOL
Data Output Low Voltage : Logic 0 : All Inputs(0.1mA)
㎂
5
-5
II
Input Leakage Current :
Any Input 0V=VIN=VDD (All other pins not under test=0V)
V
0.3
-0.3
VIL
Input Low Voltage : Logic 0 All Inputs [23.]
V
0.9* VDDQ
VOH
Data Output High Voltage : Logic 1 : All Inputs(-0.1mA)
V
VDDQ +0.3
0.8* VDDQ
VIH
Input High Voltage : Logic 1 All Inputs [23.]
㎂
5
-5
lOZ
Output Leakage Current : DQs are disabled ; 0V= VOUT=VDDQ
Units
Max
Min
Symbol
Parameter / Condition
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS[21,22]
Table 7. AC OPERATING CONDITIONS[21.22.23.24.25.26.]
V
0.5*VDDQ
Input and Output Measurement Reference Level
V
0.9* VDDQ
VIH
Input High Voltage : Logic 1 All Inputs
V
0.2
VIL
Input Low Voltage : Logic 0 All Inputs
Units
Value
Symbol
Parameter / Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com