Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAH Datasheet(PDF) 4 Page - FIDELIX

Part # CMS3232LAH
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAH Datasheet(HTML) 4 Page - FIDELIX

  CMS3232LAH Datasheet HTML 1Page - FIDELIX CMS3232LAH Datasheet HTML 2Page - FIDELIX CMS3232LAH Datasheet HTML 3Page - FIDELIX CMS3232LAH Datasheet HTML 4Page - FIDELIX CMS3232LAH Datasheet HTML 5Page - FIDELIX CMS3232LAH Datasheet HTML 6Page - FIDELIX CMS3232LAH Datasheet HTML 7Page - FIDELIX CMS3232LAH Datasheet HTML 8Page - FIDELIX CMS3232LAH Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Rev0.2, Jan. 2007
CMS3232LAx-75xx
DQ26
DQ24
VSS
VDD
DQ23
DQ21
VDDQ
VSSQ
VDDQ
VSSQ
DQ19
DQ28
DQ27
DQ25
DQ22
DQ20
VDDQ
VSSQ
DQ29
DQ30
DQ17
DQ18
VDDQ
VSSQ
DQ31
NC
NC
DQ16
VSSQ
VDDQ
DQM3
A3
A2
DQM2
VDD
VSS
A5
A6
A10
A0
A8
NC
NC
NC
NC
A7
CKE
A9
BS
/CS
/RAS
CLK
90 ball 0.8mm pitch FBGA(8mm x 13mm)
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
Pin Configuration
NC
NC
/CAS
/WE
DQM0
DQM1
DQ8
VSS
VDD
DQ7
VSSQ
VDDQ
DQ10
DQ9
DQ6
DQ5
VDDQ
VSSQ
DQ12
DQ14
DQ1
DQ3
VDDQ
VSSQ
VDDQ
VSSQ
VDDQ
VSSQ
DQ4
DQ11
DQ15
VSS
VDD
DQ0
DQ2
DQ13
A4
A1
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com