Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAH Datasheet(PDF) 12 Page - FIDELIX

Part # CMS3232LAH
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAH Datasheet(HTML) 12 Page - FIDELIX

Back Button CMS3232LAH Datasheet HTML 8Page - FIDELIX CMS3232LAH Datasheet HTML 9Page - FIDELIX CMS3232LAH Datasheet HTML 10Page - FIDELIX CMS3232LAH Datasheet HTML 11Page - FIDELIX CMS3232LAH Datasheet HTML 12Page - FIDELIX CMS3232LAH Datasheet HTML 13Page - FIDELIX CMS3232LAH Datasheet HTML 14Page - FIDELIX CMS3232LAH Datasheet HTML 15Page - FIDELIX CMS3232LAH Datasheet HTML 16Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Rev0.2, Jan. 2007
CMS3232LAx-75xx
H
X
CKE
1
0
A7
All Banks (Bank 0,1)
0
0
0
RFU
X
X
1
One Bank (Bank1)
0
1
0
RFU
1
1
0
RFU
X
X
1
One Bank (Bank 0)
0
1
0
RFU
1
1
0
RFU
1
0
0
RFU
All Banks (Bank 0,1)
Self Refresh Coverage
0
A0
1
0
0
0
0
A1
A2
Table 5. Extended Mode Register Table[11.12.].
X
X
X
H
L
L
L
AUTO REFRESH or SELF REFRESH(Enter Self Refresh Mode) )[18. 19.]
X
Opcode
X
L
L
L
L
LOAD MODE REGISTER)[14.]
Active
-
L
-
-
-
-
Write Enable/Output Enable)[20.]
X
Bank/
Col
L/H
H
L
H
L
READ(Select bank and column, and start READ burst)[16.]
Valid
Bank/
Col
L/H
L
L
H
L
WRITE(Select bank and column, and start WRITE burst)[16.]
Active
X
X
L
H
H
L
BURST TERMINATE
X
Code
X
L
H
L
L
PRECHARGE(Deactivate row in bank or banks)[17.]
-
H
H
X
/WE
H
X
X
X
DQM
Bank/
Row
X
X
ADDR
High Z
X
X
X
DQ
H
L
L
ACTIVE(Select bank and activate row)[15.]
-
-
-
Write Inhibit/Output High-Z)[20.]
H
X
/CAS
COMMAND INHIBIT(NOP)
/RAS
H
L
NO OPERATION(NOP)
H
X
/CS
Name(Function)
Table 6. Commands[13.14.15.16.17.18.19.20.] .
1
0
1
0
A5
50%
1
25%
1
0
75%
0
100%
Driver Strength
A6
X
X
X
L
H
H
L
Deep Power Down(Enter DPD Mode)
H
H
H
H
H
H
H
H
H
L
Note :
11.
EM11 (BS) must be “1” to select the Extended Mode Register(vs. the base Mode Register).
12.
RFU: Reserved for Future Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com