Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAH Datasheet(PDF) 5 Page - FIDELIX

Part # CMS3232LAH
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAH Datasheet(HTML) 5 Page - FIDELIX

  CMS3232LAH Datasheet HTML 1Page - FIDELIX CMS3232LAH Datasheet HTML 2Page - FIDELIX CMS3232LAH Datasheet HTML 3Page - FIDELIX CMS3232LAH Datasheet HTML 4Page - FIDELIX CMS3232LAH Datasheet HTML 5Page - FIDELIX CMS3232LAH Datasheet HTML 6Page - FIDELIX CMS3232LAH Datasheet HTML 7Page - FIDELIX CMS3232LAH Datasheet HTML 8Page - FIDELIX CMS3232LAH Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Rev0.2, Jan. 2007
CMS3232LAx-75xx
Pin Description
Data Input/Output : Data bus
I/O
DQ
No Connect
-
NC
DQ Power: Provide isolated power to DQs for improved noise immunity.
Supply
V
DDQ
DQ Ground: Provide isolated ground to DQs for improved noise immunity.
Supply
V
SSQ
Power Supply: Voltage dependent on option.
Supply
V
DD
Ground.
Supply
V
SS
Address Inputs: A0–A10 are sampled during the ACTIVE command (row-address A0–A10)
and READ/WRITE command (column-address A0–A7; with A10 defining auto precharge) to
select one location out of the memory array in the respective bank. A10 is sampled during a
PRECHARGE command to determine if all banks are to be precharged (A10 HIGH) or bank
selected by BS (A10 LOW). The address inputs also provide the op-code during a LOAD
MODE REGISTER command.
Input
A0-A10
Input/Output Mask: DQM is sampled HIGH and is an input mask signal for write accesses
and an output enable signal for read accesses. Input data is masked during a WRITE cycle. The
output buffers are placed in a High-Z state (two-clock latency) when during a READ cycle.
DQM0 corresponds to DQ0 – DQ7, DQM1 corresponds to DQ8–DQ15,
DQM2 corresponds to DQ16–DQ23, AND DQM3 corresponds to DQ24–DQ31.
Input
DQM0 ~ DQM3
Bank Address Input(s): BS define to which bank the ACTIVE, READ, WRITE or
PRECHARGE command is being applied. These pins also provide the op-code during a LOAD
MODE REGISTER command.
Input
BS
Input
Input
Input
Input
Type
/CAS, /RAS, /WE
/CS
CKE
CLK
Symbol
Chip Select: CS# enables (registered LOW) and disables (registered HIGH) the command
decoder. All commands are masked when /CS is registered HIGH. /CS provides for external
bank selection on systems with multiple banks. /CS is considered part of the command code.
Command Inputs : /CAS, /RAS, and /WE (along with /CS) define the command being entered.
Clock Enable: CKE activates(HIGH) and deactivates(LOW) the CLK signal. Deactivating the
clock provides PRECHARGE POWER-DOWN and SELF REFRESH operation(all banks idle),
ACTIVE POWER-DOWN(row active in any bank) or CLOCK SUSPEND operation(burst/access
in progress). CKE is synchronous except after the device enters power-down and self refresh
modes, where CKE becomes asynchronous until after exiting the same mode. The input buffers,
including CLK, are disabled during power-down and self refresh modes, providing low standby
power. CKE may be tied HIGH.
Clock : CLK is driven by the system clock. All SDRAM input signals are sampled on the positive
edge of CLK. CLK also increments the internal burst counter and controls the output registers.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com