Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3232LAH Datasheet(PDF) 6 Page - FIDELIX

Part # CMS3232LAH
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAH Datasheet(HTML) 6 Page - FIDELIX

Back Button CMS3232LAH Datasheet HTML 2Page - FIDELIX CMS3232LAH Datasheet HTML 3Page - FIDELIX CMS3232LAH Datasheet HTML 4Page - FIDELIX CMS3232LAH Datasheet HTML 5Page - FIDELIX CMS3232LAH Datasheet HTML 6Page - FIDELIX CMS3232LAH Datasheet HTML 7Page - FIDELIX CMS3232LAH Datasheet HTML 8Page - FIDELIX CMS3232LAH Datasheet HTML 9Page - FIDELIX CMS3232LAH Datasheet HTML 10Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Rev0.2, Jan. 2007
CMS3232LAx-75xx
FUNCTIONAL DESCRIPTION
The Fidelix 32Mb SDRAM is a dual-bank DRAM that
operates at 2.3~3.3V and includes a synchronous inter-
face (all signals are registered on the positive edge of the
clock signal, CLK). Each of 16,777,216-bit banks is
organized as 2,048 rows by 256 columns by 32 bits. Read
and write accesses to the SDRAM are burst oriented;
accesses start at a selected location and continue for a pro-
grammed number of locations in a programmed sequence.
Accesses begin with the registration of an ACTIVE command,
which is then followed by a READ or WRITE command.
The address bits registered coincident with the ACTIVE
command are used to select the bank and row to be
a c c e s s e d ( B S s e l e c t the ba nk, A0- A 10 select the
row). The address bits (A0-A7) registered coincident with the
READ or WRITE command are used to select the starting
column location for the burst access.The SDRAM must be ini-
tialized prior to normal operation. The following sections pro-
vide detailed information regarding device initialization,
register definition, command descriptions and device operation.
Initialization
SDRAMs must be powered up and initialized in a predefined
manner. Operational procedures other than those specified
may result in undefined operation. Once power is applied to
VDD and VDDQ(simultaneously) and the clock is stable (meets
the clock specifications in the AC characteristics), the SDRAM
requires a 100µs delay prior to issuing any command other than
a COMMAND INHIBIT or NOP. The COMMAND
INHIBIT or
NOP should be applied at least once during the 100µs delay.
After the 100µs delay, a PRECHARGE command should be
applied. All banks must then be precharged, thereby placing the
device in the all banks idle state. Once in the idle state, two
AUTO REFRESH cycles must be performed. After the AUTO
REFRESH cycles are complete, the SDRAM is ready for mode
register programming. Because the mode register will power up
in an unknown state, it should be loaded prior to applying any
operational command. Refer to Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com