Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72372 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST72372
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72372 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST72372 Datasheet HTML 68Page - STMicroelectronics ST72372 Datasheet HTML 69Page - STMicroelectronics ST72372 Datasheet HTML 70Page - STMicroelectronics ST72372 Datasheet HTML 71Page - STMicroelectronics ST72372 Datasheet HTML 72Page - STMicroelectronics ST72372 Datasheet HTML 73Page - STMicroelectronics ST72372 Datasheet HTML 74Page - STMicroelectronics ST72372 Datasheet HTML 75Page - STMicroelectronics ST72372 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
72/94
ST72371/ST72372
PWM/BRM GENERATOR (Cont’d)
4.6.4 Register Description
4.6.4.1 10-bit PWM/BRM REGISTERS
On a channel basis, the 10 bits are separated into
two data registers:
– A 6-bit PWM register corresponding to the binary
weight of the PWM pulse.
– A 4-bit BRM register defining the intervals where
an incremental pulse is added to the beginning of
the original PWM pulse. Two BRM channel val-
ues share the same register.
Note: The number of PWM and BRM channels
available depends on the device. Refer to the de-
vice pin description and register map.
PWM[1:8] REGISTERS
Read/Write
Reset Value 1000 0000 (80h)
Bit 7 = Reserved (read as “1”)
Bit 6 = POL
Polarity Bit.
When POL is set, output signal polarity is inverse;
otherwise, no change occurs.
Bits 5:0 = P[5:0] PWM Pulse Binary Weight for
channel i .
BRM REGISTERS
BRM21 (Channels 2 + 1)
BRM43 (Channels 4 + 3)
BRM65 (Channels 6 + 5)
BRM87 (Channels 8 + 7)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:4 = B[7:4]
BRM Bits (channel i+1)
Bits 3:0 = B[3:0]
BRM Bits (channel i)
4.6.4.2 12-bit PWM/BRM REGISTERS
The 12 bits are separated into two data registers:
– A 6-bit PWM register corresponding to the binary
weight of the PWM pulse.
– A 6-bit BRM register defining the intervals where
incremental pulses are added to the beginning of
the original PWM pulse.
PWM0 REGISTER
Read/ Write
Reset Value: 1000 0000 (80h)
Bit 7 = Reserved (read as “1”)
Bit 6 = POL
Polarity Bit.
When POL is set, output signal polarity is inverse;
otherwise, no change occurs.
Bits 5:0 = P[5:0]
PWM Pulse Binary Weight
BRM0 REGISTER
Read/ Write
Reset Value: 1100 0000 (C0h)
Bits 7:6 = Unused
Bits 5:0 = B[5:0] BRM Bits
70
1
POL
P5
P4
P3
P2
P1
P0
70
B7
B6
B5
B4
B3
B2
B1
B0
70
1
POL
P5
P4
P3
P2
P1
P0
70
1
1
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com