Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72372 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72372
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72372 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72372 Datasheet HTML 6Page - STMicroelectronics ST72372 Datasheet HTML 7Page - STMicroelectronics ST72372 Datasheet HTML 8Page - STMicroelectronics ST72372 Datasheet HTML 9Page - STMicroelectronics ST72372 Datasheet HTML 10Page - STMicroelectronics ST72372 Datasheet HTML 11Page - STMicroelectronics ST72372 Datasheet HTML 12Page - STMicroelectronics ST72372 Datasheet HTML 13Page - STMicroelectronics ST72372 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
10/94
ST72371/ST72372
MEMORY MAP (Cont’d)
Table 4. Hardware Register Memory Map
Address
Block
Register Label
Register Name
Reset
Status
Remarks
0000h
0001h
Port A
PADR
PADDR
Port A Data Register
Port A Data Direction Register
00h
00h
R/W
R/W
0002h
0003h
Port C
PCDR
PCDDR
Port C Data Register
Port C Data Direction Register
00h
00h
R/W
R/W
0004h
0005h
Port D
PDDR
PDDDR
Port D Data Register
Port D Data Direction Register
00h
00h
R/W
R/W
0006h
0007h
0008h
Port B
PBDR
PBDDR
PBOR
Port B Data Register
Port B Data Direction Register
Port B Option Register
00h
00h
00h
R/W
R/W
R/W
0009h
MISCR
Miscellaneous Register
00h
R/W
000Ah
000Bh
ADC
ADCDR
ADCCSR
ADC Data Register
ADC Control Status register
00h
00h
Read only
R/W
000Ch
WDG
WDGCR
Watchdog Control Register
7Fh
R/W
000Dh
000Fh
Reserved Area (3 bytes)
0010h
ITR
ITRFRE
Interrupt Register
00h
R/W
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
TIM
TIMCR2
TIMCR1
TIMSR
TIMI C1HR
TIMI C1LR
TIMO C1HR
TIMO C1LR
TIMCHR
TIMCLR
TIMACHR
TIMACLR
TIMI C2HR
TIMI C2LR
TIMO C2HR
TIMO C2LR
Timer Control Register 2
Timer Control Register 1
Timer Status Register
Timer Input Capture 1 High Register
Timer Input Capture 1 Low Register
Timer Output Compare 1 High Register
Timer Output Compare 1 Low Register
Timer Counter High Register
Timer Counter Low Register
Timer Alternate Counter High Register
Timer Alternate Counter Low Register
Timer Input Capture 2 High Register
Timer Input Capture 2 Low Register
Timer Output Compare 2 High Register
Timer Output Compare 2 Low Register
00h
00h
00h
xxh
xxh
80h
00h
FFh
FCh
FFh
FCh
xxh
xxh
80h
00h
R/W
R/W
Read only
Read only
Read only
R/W
R/W
Read only
Read only
Read only
Read only
Read only
Read only
R/W
R/W
0020h
0021h
Reserved Area (2 bytes)
0022h
0023h
DAC
PWM0
BRM0
12-BIT PWM Register
12-BIT BRM Register
80h
C0h
R/W
R/W
0024h
0025h
0026h
0027h
0028h
0029h
PWM1
BRM21
PWM2
PWM3
BRM43
PWM4
10-BIT PWM / BRM Registers
80h
00h
80h
80h
00h
80h
R/W
R/W
R/W
R/W
R/W
R/W
002Ah to
002Fh
Reserved Area (6 bytes)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com