Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72372 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST72372
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72372 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72372 Datasheet HTML 7Page - STMicroelectronics ST72372 Datasheet HTML 8Page - STMicroelectronics ST72372 Datasheet HTML 9Page - STMicroelectronics ST72372 Datasheet HTML 10Page - STMicroelectronics ST72372 Datasheet HTML 11Page - STMicroelectronics ST72372 Datasheet HTML 12Page - STMicroelectronics ST72372 Datasheet HTML 13Page - STMicroelectronics ST72372 Datasheet HTML 14Page - STMicroelectronics ST72372 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
11/94
ST72371/ST72372
0030h
0031h
0032h
0033h
0034h
SCI
SCISR
SCIDR
SCIBRR
SCICR1
SCICR2
SCI Status Register
SCI Data Register
SCI Baud Rate Register
SCI Control Register 1
SCI Control Register 2
C0h
xxh
00xx xxxxb
xxh
00h
Read only
R/W
R/W
R/W
R/W
0035h to
0042h
Reserved Area (14 bytes)
0043h
TIM
CONFIG
ICAP Pin Configuration
Warning: Write 0Ch in this register to use
the ICAP1 and ICAP2 functions.
08h
R/W
0044h to
0058h
Reserved Area (21 bytes)
0059h
005Ah
005Bh
005Ch
005Dh
005Eh
005Fh
I2C
I2CDR
I2COAR
I2CCCR
I2CSR2
I2CSR1
I2CCR
I2C Data Register
Reserved
I2C (7 Bits) Slave Address Register
I2C Clock Control Register
I2C Status Register 2
I2C Status Register 1
I2C Control Register
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
Read only
Read only
R/W
0060h to
007Fh
Reserved Area (32 bytes)
Address
Block
Register Label
Register Name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com