Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72372 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST72372
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72372 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST72372 Datasheet HTML 23Page - STMicroelectronics ST72372 Datasheet HTML 24Page - STMicroelectronics ST72372 Datasheet HTML 25Page - STMicroelectronics ST72372 Datasheet HTML 26Page - STMicroelectronics ST72372 Datasheet HTML 27Page - STMicroelectronics ST72372 Datasheet HTML 28Page - STMicroelectronics ST72372 Datasheet HTML 29Page - STMicroelectronics ST72372 Datasheet HTML 30Page - STMicroelectronics ST72372 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
27/94
ST72371/ST72372
I/O PORTS (Cont’d)
4.1.2.6 Device Specific Configurations
Table 9. ST72372N Port Configuration
*Reset state.
Table 10. ST72372J Port Configuration
*Reset state.
Note: The DA1-DA4 output pins are configurable as push pull or open drain using the POC0 Bit in the Mis-
cellaneous Register.
Port
Pin name
Input (DDR=0)
Output (DDR=1)
OR=0*
OR=1
OR=0
OR=1
Port A
PA0:PA7
floating
true open drain, high sink capability
Port B
PB0:PB7
pull-up
floating
(for analog
conversion only)
push-pull
Port C
PC0:PC1
pull-up
push-pull
PC2:PC5
floating
open drain
PC6
pull-up
true open drain, high sink capability
PC7
pull-up
push-pull
Port D
PD0:PD7
pull-up
push-pull
Port
Pin name
Input (DDR=0)
Output (DDR=1)
OR=0*
OR=1
OR=0
OR=1
Port A
PA1, PA3:7
floating
true open drain, high sink capability
Port B
PB0:2, PB7
pull-up
floating
(for analog
conversion only)
push-pull
Port C
PC0
pull-up
push-pull
PC2:PC5
floating
open drain
PC6
pull-up
push-pull
Port D
PD0:PD6
pull-up
push-pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com