Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1055ACH Datasheet(PDF) 13 Page - Linear Technology

Part # LT1055ACH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055ACH Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1055ACH Datasheet HTML 8Page - Linear Technology LT1055ACH Datasheet HTML 9Page - Linear Technology LT1055ACH Datasheet HTML 10Page - Linear Technology LT1055ACH Datasheet HTML 11Page - Linear Technology LT1055ACH Datasheet HTML 12Page - Linear Technology LT1055ACH Datasheet HTML 13Page - Linear Technology LT1055ACH Datasheet HTML 14Page - Linear Technology LT1055ACH Datasheet HTML 15Page - Linear Technology LT1055ACH Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1055/LT1056
10556fc
TYPICAL APPLICATIO S
Temperature-to-Frequency Converter
LT1055/56 TA07
2
3
–15V
7
4
6
LT1055
15V
15V
560
Ω
15V
–
+
LM329
510
Ω
820
Ω*
6.2k*
500
Ω
0
°C ADJ
2k
100
°C
ADJ
6.2k*
1k*
1k*
2N2907
2N2222
0.01
µF
POLYSTYRENE
510pF
2.7k
10k
10k
4.7k
2N2222
TTL OUTPUT
0kHz TO 1kHz =
0
°C TO 100°C
2V
LM134
137
Ω*
*1% FILM RESISTOR
100kHz Voltage Controlled Oscillator
–
+
–
+
–
+
–
+
X1
X2
U1
U2
COM
VR
Y1
Y2
+V
CC
W
Z1
Z2
GT
UP
–V
+15V
SINE OUT
2VRMS
0kHs TO 100kHs
–15
AD639
2
3
15V
7
6
4
–15V
–15V
68k
68k
10k
4.5k
22.1k
1k
LT1056
FINE
DISTORTION
TRIMS
15V
15V
15V
15V
–15V
–15V
–15V
–15V
LT1055/56 TA08
50k
10Hz
DISTORTION
TRIM
22M
POLYSTYRENE
500pF
7
4
3
2
6
LT1056
22k
15pF
HP5082-
2810
3
2
10k*
10k
1k
4.7k
4.7k
*1% FILM RESISTOR
=1N4148
FREQUENCY LINEARITY = 0.1%
FREQUENCY STABILITY = 150ppm/
°C
SETTLING TIME = 1.7
µs
DISTORTION = 0.25% AT 100kHz,
0.07% AT 10zHz
1k
5k
FREQUENCY
TRIM
LT1011
8
7
1
4
LM329
0.01
µF
2.5k*
10k*
5k*
2N4391
2N4391
2N4391
6
7
4
15V
–15V
LT1056
100kHz
DISTORTION
TRIM
2k
9.09k*
0V TO 10V
INPUT
2
3
10k
20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com