Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1055ACH Datasheet(PDF) 1 Page - Linear Technology

Part # LT1055ACH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055ACH Datasheet(HTML) 1 Page - Linear Technology

  LT1055ACH Datasheet HTML 1Page - Linear Technology LT1055ACH Datasheet HTML 2Page - Linear Technology LT1055ACH Datasheet HTML 3Page - Linear Technology LT1055ACH Datasheet HTML 4Page - Linear Technology LT1055ACH Datasheet HTML 5Page - Linear Technology LT1055ACH Datasheet HTML 6Page - Linear Technology LT1055ACH Datasheet HTML 7Page - Linear Technology LT1055ACH Datasheet HTML 8Page - Linear Technology LT1055ACH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1055/LT1056
10556fc
Precision, High Speed,
JFET Input Operational Amplifiers
+
–
0V TO 10V
INPUT
10kHZ
TRIM
5k
4.7k
15V
2N3906
15V
–15V
LT1055/56 TA01
–15V
= 1N4148
3M
0.001 (POLYSTYRENE)
0.1
µF
THE LOW OFFSET VOLTAGE OF LT1056
CONTRIBUTES ONLY 0.1Hz OF ERROR
WHILE ITS HIGH SLEW RATE PERMITS
10kHz OPERATION.
0.1
µF 22k
75k
1.5k
LM329
3.3M
7
6
4
3
2
33pF
*1% FILM
OUTPUT
1Hz TO 10kHz
0.005%
LINEARITY
LT1056
■
Guaranteed Offset Voltage: 150
µV Max
–55
°C to 125°C: 500µV Max
■
Guaranteed Drift: 4
µV/°C Max
■
Guaranteed Bias Current
70
°C: 150pA Max
125
°C: 2.5nA Max
■
Guaranteed Slew Rate: 12V/
µs Min
■ Available in 8-Pin PDIP and SO Packages
■ Precision, High Speed Instrumentation
■ Logarithmic Amplifiers
■ D/A Output Amplifiers
■ Photodiode Amplifiers
■ Voltage-to-Frequency Converters
■ Frequency-to-Voltage Converters
■ Fast, Precision Sample-and-Hold
The LT
®1055/LT1056 JFET input operational amplifiers
combine precision specifications with high speed perfor-
mance.
For the first time, 16V/
µs slew rate and 6.5MHz gain
bandwidth product are simultaneously achieved with off-
set voltage of typically 50
µV, 1.2µV/°C drift, bias currents
of 40pA at 70
°C and 500pA at 125°C.
The 150
µV maximum offset voltage specification is the
best available on any JFET input operational amplifier.
The LT1055 and LT1056 are differentiated by their operat-
ing currents. The lower power dissipation LT1055 achieves
lower bias and offset currents and offset voltage. The
additional power dissipation of the LT1056 permits higher
slew rate, bandwidth and faster settling time with a slight
sacrifice in DC performance.
The voltage-to-frequency converter shown below is one of
the many applications which utilize both the precision and
high speed of the LT1055/LT1056.
For a JFET input op amp with 23V/
µs guaranteed slew rate,
refer to the LT1022 data sheet.
Distribution of Input Offset Voltage
(H Package)
1Hz to 10kHz Voltage-to-Frequency Converter
INPUT OFFSET VOLTAGE (
µV)
0
20
60
80
100
140
–400
0
200
LT1055/56 TA02
40
120
400
–200
VS = ±15V
TA = 25°C
634 UNITS TESTED
FROM THREE RUNS
50% TO
±60µV
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1055ACH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1055ACH LINER-LT1055ACH Datasheet
301Kb / 12P
Precision, High Speed, JFET Input Operational Amplifiers
More results

Similar Description - LT1055ACH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-15 AD-OP-15 Datasheet
776Kb / 14P
PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1055S8 LINER-LT1055S8 Datasheet
162Kb / 3P
Precision, High Speed, JFET Input Operational Amplifiers?
OP-15 LINER-OP-15 Datasheet
424Kb / 4P
Precision, High Speed JFET-Input Operational Amplifiers
logo
Analog Devices
OP15 AD-OP15 Datasheet
429Kb / 12P
Precision JFET-Input Operational Amplifiers
9/02-Data Sheet changed from REV. 0 to REV. A.
logo
Linear Technology
LT1055 LINER-LT1055 Datasheet
301Kb / 12P
Precision, High Speed, JFET Input Operational Amplifiers
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
Dual Precision JFET Input Operational Amplifiers
logo
Analog Devices
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com