Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1055ACH Datasheet(PDF) 3 Page - Linear Technology

Part # LT1055ACH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055ACH Datasheet(HTML) 3 Page - Linear Technology

  LT1055ACH Datasheet HTML 1Page - Linear Technology LT1055ACH Datasheet HTML 2Page - Linear Technology LT1055ACH Datasheet HTML 3Page - Linear Technology LT1055ACH Datasheet HTML 4Page - Linear Technology LT1055ACH Datasheet HTML 5Page - Linear Technology LT1055ACH Datasheet HTML 6Page - Linear Technology LT1055ACH Datasheet HTML 7Page - Linear Technology LT1055ACH Datasheet HTML 8Page - Linear Technology LT1055ACH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1055/LT1056
10556fc
LT1055M/LT1056M
LT1055AM/LT1056AM
LT1055CH/LT1056CH
LT1055AC/LT1056AC
LT1055CN8/LT1056CN8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IB
Input Bias Current
Fully Warmed Up
—
±10
±50
—
±10
±50
pA
VCM = 10V
—
30
130
—
30
150
pA
Input Resistance:Differential
—
1012
——
1012
—
Ω
Common Mode VCM = –11V to 8V
—
1012
——
1012
—
Ω
VCM = 8V to 11V
—
1011
——
1011
—
Ω
Input Capacitance
—
4
—
—
4
—
pF
en
Input Noise Voltage
0.1Hz to 10Hz
LT1055
—
1.8
—
—
2.0
—
µVP-P
LT1056
—
2.5
—
—
2.8
—
µVP-P
Input Noise Voltage Density
f0 = 10Hz (Note 3)
—
28
50
—
30
60
nV/
√Hz
f0 = 1kHz (Note 4)
—
14
20
—
15
22
nV/
√Hz
In
Input Noise Current Density
f0 = 10Hz, 1kHz (Note 5)
—
1.8
4
—
1.8
4
fA/
√Hz
AVOL
Large-Signal Voltage Gain
V0 = ±10V
RL = 2k
150
400
—
120
400
—
V/mV
RL = 1k
130
300
—
100
300
—
V/mV
Input Voltage Range
±11
±12
—
±11
±12
—
V
CMRR
Common Mode Rejection Ratio
VCM = ±11V
86
100
—
8398—
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
90
106
—
88
104
—
dB
VOUT
Output Voltage Swing
RL = 2k
±12
±13.2
—
±12
±13.2
—
V
SR
Slew Rate
LT1055
10
13
—
7.5
12
—
V/
µs
LT1056
12
16
—
9.0
14
—
V/
µs
GBW
Gain Bandwidth Product
f = 1MHz
LT1055
—
5.0
—
—
4.5
—
MHz
LT1056
—
6.5
—
—
5.5
—
MHz
IS
Supply Current
LT1055
—
2.8
4.0
—
2.8
4.0
mA
LT1056
—
5.0
6.5
—
5.0
7.0
mA
Offset Voltage Adjustment Range RPOT = 100k
—
±5—
—
±5—
mV
TA = 25°C. VS = ±15V, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LT1055AC
LT1055CH/LT1056CH
LT1056AC
LT1055CN8/LT1056CN8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 2)
LT1055 H Package
●
—
100
330
—
140
750
µV
LT1056 H Package
●
—
100
360
—
140
800
µV
LT1055 N8 Package
●
—
—
—
—
250
1250
µV
LT1056 N8 Package
●
—
—
—
—
280
1350
µV
Average Temperature
H Package (Note 6)
●
—
1.2
4.0
—
1.6
8.0
µV/°C
Coefficient of Input Offset
N8 Package (Note 6)
●
—
—
—
—
3.0
12.0
µV/°C
Voltage
IOS
Input Offset Current
Warmed Up
LT1055
●
—
10
50
—
16
80
pA
TA = 70°C
LT1056
●
—
14
70
—
18
100
pA
IB
Input Bias Current
Warmed Up
LT1055
●
—
±30
±150
—
±40
±200
pA
TA = 70°C
LT1056
●
—
±40
±80
—
±50
±240
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
●
80
250
—
60
250
—
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±10.5V
●
85
100
—
8298—
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
●
89
105
—
87
103
—
dB
VOUT
Output Voltage Swing
RL = 2k
●
±12
±13.1
—
±12
±13.1
—
V
The
● denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C.
VS = ±15V, VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com