Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1055ACH Datasheet(PDF) 4 Page - Linear Technology

Part # LT1055ACH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055ACH Datasheet(HTML) 4 Page - Linear Technology

  LT1055ACH Datasheet HTML 1Page - Linear Technology LT1055ACH Datasheet HTML 2Page - Linear Technology LT1055ACH Datasheet HTML 3Page - Linear Technology LT1055ACH Datasheet HTML 4Page - Linear Technology LT1055ACH Datasheet HTML 5Page - Linear Technology LT1055ACH Datasheet HTML 6Page - Linear Technology LT1055ACH Datasheet HTML 7Page - Linear Technology LT1055ACH Datasheet HTML 8Page - Linear Technology LT1055ACH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1055/LT1056
10556fc
LT1055AM
LT1055M
LT1056AM
LT1056M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 2)
LT1055
●
—
180
500
—
250
1200
µV
LT1056
●
—
180
550
—
250
1250
µV
Average Temperature
(Note 6)
●
—
1.3
4.0
—
1.8
8.0
µV/°C
Coefficient of Input Offset
Voltage
IOS
Input Offset Current
Warmed Up
LT1055
●
—
0.20
1.2
—
0.25
1.8
nA
TA = 125°C
LT1056
●
—
0.25
1.5
—
0.30
2.4
nA
IB
Input Bias Current
Warmed Up
LT1055
●
—
±0.4
±2.5
—
±0.5
±4.0
nA
TA = 125°C
LT1056
●
—
±0.5
±3.0
—
±0.6
±5.0
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
●
40
120
—
35
120
—
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±10.5V
●
85
100
—
8298—
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±17V
●
88
104
—
86
102
—
dB
VOUT
Output Voltage Swing
RL = 2k
●
±12
±12.9
—
±12
±12.9
—
V
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the temperature range
–55
°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V, unless otherwise noted.
TA = 25°C. VS = ±15V, VCM = 0V unless otherwise noted.
LT1055CS8/LT1056CS8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 2)
500
1500
µV
IOS
Input Offset Current
Fully Warmed Up
5
30
pA
IB
Input Bias Current
Fully Warmed Up
±30
±100
pA
VCM = 10V
30
150
pA
Input Resistance
Differential
0.4
T
Ω
Common Mode
VCM = –11V to 8V
0.4
T
Ω
VCM = 8V to 11V
0.05
T
Ω
Input Capacitance
4pF
en
Input Noise Voltage
0.1Hz to 10Hz
LT1055
2.5
µVP-P
LT1056
3.5
µVP-P
Input Noise Voltage Density
fO = 10Hz (Note 4)
35
70
nV/
√Hz
fO = 1kHz (Note 4)
15
22
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz, 1kHz (Note 5)
2.5
10
fA/
√Hz
AVOL
Large-Signal Voltage Gain
VO = ±10V
RL = 2k
120
400
V/mV
RL = 1k
100
300
V/mV
Input Voltage Range
±11
±12
V
CMRR
Common Mode Rejection Ratio
VCM = ±11V
83
98
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
88
104
dB
VOUT
Output Voltage Swing
RL = 2K
±12
±13.2
V
SR
Slew Rate
LT1055
7.5
12
V/
µs
LT1056
9.0
14
V/
µs
GBW
Gain Bandwidth Product
f = 1MHz
LT1055
4.5
MHz
LT1056
5.5
MHz
IS
Supply Current
LT1055
2.8
4.0
mA
LT1056
5.0
7.0
mA
Offset Voltage Adjustment Range
RPOT = 100k
±5mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com