Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1057SW Datasheet(PDF) 7 Page - Linear Technology

Part # LT1057SW
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1057SW Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1057SW Datasheet HTML 3Page - Linear Technology LT1057SW Datasheet HTML 4Page - Linear Technology LT1057SW Datasheet HTML 5Page - Linear Technology LT1057SW Datasheet HTML 6Page - Linear Technology LT1057SW Datasheet HTML 7Page - Linear Technology LT1057SW Datasheet HTML 8Page - Linear Technology LT1057SW Datasheet HTML 9Page - Linear Technology LT1057SW Datasheet HTML 10Page - Linear Technology LT1057SW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1057/LT1058
7
10578fc
TYPICAL PERFORMANCE CHARACTERISTICS
Large-Signal Response
Slew Rate, Gain-Bandwidth
Product vs Temperature
Undistorted Output Swing vs
Frequency
Small-Signal Response
Gain, Phase Shift vs Frequency
Capacitive Load Handling
Settling Time
Channel Separation vs Frequency
Output Impedance vs Frequency
0.5μs/DIV
10578 G10
AV = +1
CL = 100pF
TEMPERATURE (°C)
–50
20
30
25
75
10578 G11
10
6
10
2
4
8
–25
0
50
100
125
0
VS = 15V
SLEW FALL
GBW
SLEW RISE
FREQUENCY (Hz)
100k
0
6
24
1M
10M
10578 G12
30
12
18
VS = 15V
TA = 25°C
0.2μs/DIV
10578 G13
AV = +1
CL = 100pF
FREQUENCY (Hz)
1
60
100
100M
10578 G14
20
–20
100
10k
1M
10
1k
100k
10M
140
140
120
160
180
100
40
80
0
120
PHASE MARGIN = 58°
VS = 15V
TA = 25°C
CL = 10pF
GAIN
PHASE
CAPACITIVE LOAD (pF)
10
40
60
80
100
1000
10000
10578 G15
20
30
50
70
10
0
VS = 15V
TA = 25°C
AV = +1
AV =–1
AV = 10
SETTLING TIME (μs)
0
0
10578 G16
–5
–10
12
5
10mV
10mV
0.5mV
0.5mV
10
3
FROM LEFT TO RIGHT:
SETTLING TIME TO 10mV, 5mV, 2mV,
1mV, 0.5mV
VS = 15V
TA = 25°C
FREQUENCY (Hz)
1
60
80
100
120
140
160
10
100
1k
10k
10578 G17
100k
1M
VS = 15V
TA = 25°C
VIN = 20VP-P TO 5kHz
RL = 2k
RS = 1k
LIMITED BY
PIN-TO-PIN
CAPACITANCE
RS = 10Ω
LIMITED BY
THERMAL
INTERACTION
AT DC = 132dB
FREQUENCY (Hz)
1k
0.1
1
10
100
10k
100k
10M
10578 G18
VS = 15V
TA = 25°C
AV = 100
AV = 10
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com