Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1057SW Datasheet(PDF) 10 Page - Linear Technology

Part # LT1057SW
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1057SW Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1057SW Datasheet HTML 6Page - Linear Technology LT1057SW Datasheet HTML 7Page - Linear Technology LT1057SW Datasheet HTML 8Page - Linear Technology LT1057SW Datasheet HTML 9Page - Linear Technology LT1057SW Datasheet HTML 10Page - Linear Technology LT1057SW Datasheet HTML 11Page - Linear Technology LT1057SW Datasheet HTML 12Page - Linear Technology LT1057SW Datasheet HTML 13Page - Linear Technology LT1057SW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1057/LT1058
10
10578fc
TYPICAL APPLICATIONS
Low Noise, Wideband, Gain = 100 Amplifier with High Input Impedance
Wideband, High Input Impedance, Gain = 1000 Amplifier
Low Distortion, Crystal Stabilized Oscillator
1/4
LT1058
–
+
–
+
–
+
1/4
LT1058
1/4
LT1058
–
+
1/4
LT1058
470Ω
500Ω
INPUT
OUTPUT
–3dB BANDWIDTH = 350kHZ
GAIN-BANDWIDTH PRODUCT = 35MHz
WIDEBAND NOISE =
= 7.5nV/ Hz REFERRED TO INPUT
RMS NOISE DC TO FULL BANDWIDTH = 7μV
470Ω
470Ω
4.3k
2.4k
4.3k
2.4k
7.5k
2.4k
4.3k
13nV/ Hz
3
10578 TA02
INPUT
OUTPUT
4.7k
1k
10578 TA03
–
+
4.7k
1k
1/4
LT1058
–
+
1/4
LT1058
–
+
1/4
LT1058
4.7k
1k
1/4
LT1058
4.7k
1k
100Ω
–3dB BANDWIDTH = 400kHz
GAIN-BANDWIDTH PRODUCT = 400MHz
WIDEBAND NOISE = 13nV/ Hz REFERRED TO INPUT
–
+
10578 TA04
–
+
1/2
LT1057
–
+
1/2
LT1057
130Ω
100Ω
100k
15pF
CRYSTAL
20kHz
NT CUT
0.01μF
1VRMS OUT
20kHz
0.005%
DISTORTION
OSCILLATOR
COMMON MODE
SUPPRESSION
#327
LAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com