Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1057SW Datasheet(PDF) 9 Page - Linear Technology

Part # LT1057SW
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1057SW Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1057SW Datasheet HTML 5Page - Linear Technology LT1057SW Datasheet HTML 6Page - Linear Technology LT1057SW Datasheet HTML 7Page - Linear Technology LT1057SW Datasheet HTML 8Page - Linear Technology LT1057SW Datasheet HTML 9Page - Linear Technology LT1057SW Datasheet HTML 10Page - Linear Technology LT1057SW Datasheet HTML 11Page - Linear Technology LT1057SW Datasheet HTML 12Page - Linear Technology LT1057SW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1057/LT1058
9
10578fc
Settling time is measured in a test circuit which can be
found in the LT1055/LT1056 data sheet and in Application
Note 10.
Achieving Picoampere/Microvolt Performance
In order to realize the picoampere/microvolt level accuracy
of the LT1057/LT1058, proper care must be exercised. For
example, leakage currents in circuitry external to the op
amp can significantly degrade performance. High quality
insulation should be used (e.g., TeflonTM, Kel-F); cleaning
of all insulating surfaces to remove fluxes and other resi-
dues will probably be required. Surface coating may be
necessary to provide a moisture barrier in high humidity
environments.
Board leakage can be minimized by encircling the input
circuitry with a guard ring operated at a potential close to
that of the inputs; in inverting configurations, the guard
ring should be tied to ground, in noninverting connections,
to the inverting input. Guarding both sides of the printed
circuit board is required. Bulk leakage reduction depends
on the guard ring width.
The LT1057/LT1058 have the lowest offset voltage of any
dual and quad JFET input op amps available today. However,
the offset voltage and its drift with time and temperature are
still not as good as on the best bipolar amplifiers (because
the transconductance of FETs is considerably lower than
that of bipolar transistors). Conversely, this lower trans-
conductance is the main cause of the significantly faster
speed performance of FET input op amps.
Offset voltage also changes somewhat with temperature
cycling. The AM grades show a typical 40μV hysteresis
(50μV on the M grades) when cycled over the –55°C to
125°C temperature range. Temperature cycling from 0°C to
70°C has a negligible (less than 20μV) hysteresis effect.
The offset voltage and drift performance are also affected
by packaging. In the plastic N package, the molding com-
pound is in direct contact with the chip, exerting pressure
on the surface. While NPN input transistors are largely
unaffected by this pressure, JFET device drift is degraded.
Consequently for best drift performance, as shown in the
Typical Performance Characteristics distribution plots, the
J or H packages are recommended.
In applications where speed and picoampere bias currents
are not necessary, Linear Technology offers the bipolar
input, pin compatible LT1013 and LT1014 dual and quad
op amps. These devices have significantly better DC
specifications than any JFET input device.
Phase Reversal Protection
Most industry standard JFET input single, dual and quad
op amps (e.g., LF156, LF351, LF353, LF411, LF412,
OP-15, OP-16, OP-215, TL084) exhibit phase reversal at
the output when the negative common mode limit at the
input is exceeded (i.e., below –12V with ±15V supplies).
The photos below show a ±16V sine wave input (A), the
response of an LF412A in the unity gain follower mode
(B), and the response of the LT1057/LT1058 (C).
The phase reversal of photo (B) can cause lock-up in servo
systems. The LT1057/LT1058 does not phase-reverse due
to a unique phase reversal protection circuit.
APPLICATIONS INFORMATION
All Photos 5V/Div Vertical Scale, 50μs/Div Horizontal Scale
(A) ±16V Sine Wave Input
(B) LF412A Output
(C) LT1057/LT1058 Output
Teflon is a trademark of DuPont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com