Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1057SW Datasheet(PDF) 6 Page - Linear Technology

Part # LT1057SW
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1057SW Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1057SW Datasheet HTML 2Page - Linear Technology LT1057SW Datasheet HTML 3Page - Linear Technology LT1057SW Datasheet HTML 4Page - Linear Technology LT1057SW Datasheet HTML 5Page - Linear Technology LT1057SW Datasheet HTML 6Page - Linear Technology LT1057SW Datasheet HTML 7Page - Linear Technology LT1057SW Datasheet HTML 8Page - Linear Technology LT1057SW Datasheet HTML 9Page - Linear Technology LT1057SW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1057/LT1058
6
10578fc
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias and Offset Currents
vs Temperature
Input Bias Current Over
the Common-Mode Range
Warm-Up Drift
Distribution of Offset Voltage Drift
with Temperature
(H and J Package)
Distribution of Offset Voltage
Drift with Temperature
(Plastic N Package)
Long-Term Drift of
Representative Units
Voltage Noise vs Frequency
0.1Hz to 10Hz Noise
Voltage Gain vs Temperature
AMBIENT TEMPERATURE (°C)
0
100
300
1000
100
10578 G01
30
10
3
25
50
75
125
VS = 15V
VCM = 0V
WARMED UP
BIAS CURRENT
OFFSET CURRENT
COMMON MODE INPUT VOLTAGE (V)
–15
–0.2
0
0.4
0.6
0.8
5
1.6
10578 G02
0.2
–5
–10
10
015
1.0
1.2
1.4
–20
0
40
60
80
160
20
100
120
140
VS = 15V
TA = 125°C
TA = 25°C
TA = 70°C
TIME AFTER POWER ON (MINUTES)
0
60
80
100
4
10578 G03
40
20
0
1
2
3
5
VS = 15V
TA = 25°C
LT1058 N PACKAGE
LT1057 N, LT1058 J PACKAGE
LT1057 H PACKAGE
LT1057 J PACKAGE
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (μV/°C)
–12
0
20
40
60
80
–6
0
6
12
10578 G04
100
120
–9
–3
3
9
1
2
4
32
70
96
112
5
2
VS = 15V
LT1057H: 102 OP AMPS
LT1057J: 130 OP AMPS
LT1058J: 136 OP AMPS
368 OP AMPS
24
16
4
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (μV/°C)
–12
0
20
40
60
80
–6
0
6
12
10578 G05
100
120
–9
–3
3
9
3
11
31
65
70
22
4
VS = 15V
LT1057N: 180 OP AMPS
LT1058N: 176 OP AMPS
356 OP AMPS
27
9
60
44
5
1 UNIT EACH AT
–19, –16, –13
14, 16μV/°C
TIME (MONTHS)
0
10
30
50
4
10578 G06
–10
–30
0
20
40
–20
–40
–50
1
2
3
5
VS = 15V
TA = 25°C
FREQUENCY (Hz)
3
10
30
100
300
1000 3000 10000
10
30
20
1000
70
50
10578 G07
1/f CORNER = 28Hz
VS = 15V
TA = 25°C
TIME (SECONDS)
0
8
10578 G08
2
4
6
10
VS = 15V
TA = 25°C
TEMPERATURE (°C)
–25
10
100
30
1000
300
25
75
10578 G09
–75
125
VS = 15V
V0 = 10V
RL = 2k
RL = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com