Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1214CS Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1214CS
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1214CS Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1214CS Datasheet HTML 2Page - Linear Integrated Systems LT1214CS Datasheet HTML 3Page - Linear Integrated Systems LT1214CS Datasheet HTML 4Page - Linear Integrated Systems LT1214CS Datasheet HTML 5Page - Linear Integrated Systems LT1214CS Datasheet HTML 6Page - Linear Integrated Systems LT1214CS Datasheet HTML 7Page - Linear Integrated Systems LT1214CS Datasheet HTML 8Page - Linear Integrated Systems LT1214CS Datasheet HTML 9Page - Linear Integrated Systems LT1214CS Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1213/LT1214
VS = ±15V, VCM = 0V, VOUT = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
+
–15V ELECTRICAL C
C
HARA TERISTICS
LT1213AC
LT1213C/LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
150
425
200
650
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
0.7
1.5
1
3
µV/°C
∆T
(Note 4)
14-Pin DIP, SOIC Package
2
6
µV/°C
IOS
Input Offset Current
10
35
10
45
nA
IB
Input Bias Current
90
160
95
200
nA
Input Voltage Range
13.4
13.5
13.4
13.5
V
–14.9
–15.1
–14.9
–15.1
V
CMRR
Common Mode Rejection Ratio
VCM = –14.9V to 13.4V
89
105
85
105
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
92
115
89
115
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
1000
4000
1000
4000
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 15mA
13.8
14.0
13.8
14.0
V
Output Low, ISINK = 15mA
– 14.4
– 14.6
– 14.4
– 14.6
V
IS
Supply Current per Amplifier
1.8
3.7
5.0
1.8
3.7
5.0
mA
VS = ±15V, VCM = 0V, VOUT = 0V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted.
LT1213AM
LT1213M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
200
500
300
800
µV
∆VOS
Input Offset Voltage Drift
0.7
1.5
1
3
µV/°C
∆T
(Note 4)
IOS
Input Offset Current
15
60
25
90
nA
IB
Input Bias Current
100
200
110
250
nA
Input Voltage Range
13.1
13.2
13.1
13.2
V
–14.6
–14.8
–14.6
–14.8
V
CMRR
Common Mode Rejection Ratio
VCM = – 14.6V to 13.1V
87
104
83
104
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V
90
114
87
114
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
800
1100
800
1100
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 15mA
13.6
13.8
13.6
13.8
V
Output Low, ISINK = 15mA
–14.2
–14.5
–14.2
–14.5
V
IS
Supply Current per Amplifier
1.3
4.0
5.4
1.3
4.0
5.4
mA
LT1213AC
LT1213C/LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
175
450
250
700
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
0.7
1.5
1
3
µV/°C
∆T
(Note 4)
14-Pin DIP, SOIC Package
2
6
µV/°C
IOS
Input Offset Current
10
40
20
75
nA
IB
Input Bias Current
95
180
105
220
nA
Input Voltage Range
13.1
13.2
13.1
13.2
V
–14.8
–15.0
–14.8
–15.0
V
CMRR
Common Mode Rejection Ratio
VCM = – 14.8V to 13.1V
88
104
84
104
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
91
114
88
114
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
1000
4000
1000
4000
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 15mA
13.7
13.9
13.7
13.9
V
Output Low, ISINK = 15mA
– 14.4
– 14.6
– 14.4
– 14.6
V
IS
Supply Current per Amplifier
1.5
3.7
5.1
1.5
3.7
5.1
mA
VS = ±15V, VCM = 0V, VOUT = 0V, – 40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com