Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1214CS Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1214CS
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1214CS Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1214CS Datasheet HTML 1Page - Linear Integrated Systems LT1214CS Datasheet HTML 2Page - Linear Integrated Systems LT1214CS Datasheet HTML 3Page - Linear Integrated Systems LT1214CS Datasheet HTML 4Page - Linear Integrated Systems LT1214CS Datasheet HTML 5Page - Linear Integrated Systems LT1214CS Datasheet HTML 6Page - Linear Integrated Systems LT1214CS Datasheet HTML 7Page - Linear Integrated Systems LT1214CS Datasheet HTML 8Page - Linear Integrated Systems LT1214CS Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1213/LT1214
5V
ELECTRICAL C
C
HARA TERISTICS
VS = 5V, VCM = 0.5V, VOUT = 0.5V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
LT1213AC
LT1213C/LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
100
175
150
375
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
0.7
1.5
1
3
µV/°C
∆T
(Note 4)
14-Pin DIP, SOIC Package
2
6
µV/°C
IOS
Input Offset Current
10
45
10
55
nA
IB
Input Bias Current
90
190
110
230
nA
Input Voltage Range
3.4
3.5
3.4
3.5
V
0.1
– 0.1
0.1
– 0.1
V
CMRR
Common Mode Rejection Ratio
VCM = 0.1V to 3.4V
89
105
85
105
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V
92
114
89
114
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 500Ω
200
580
200
580
V/mV
Maximum Output Voltage Swing Output High, No Load
4.20
4.33
4.20
4.33
V
(Note 5)
Output High, ISOURCE = 1mA
4.10
4.25
4.10
4.25
V
Output High, ISOURCE = 15mA
3.84
3.96
3.84
3.96
V
Output Low, No Load
0.005
0.008
0.005
0.008
V
Output Low, ISINK = 1mA
0.036
0.055
0.036
0.055
V
Output Low, ISINK = 15mA
0.370
0.530
0.370
0.530
V
IS
Supply Current per Amplifier
1.8
2.9
4.0
1.8
2.9
4.0
mA
VS = 5V, VCM = 0.5V, VOUT = 0.5V, – 40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 6)
LT1213AC
LT1213C/LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
120
200
175
500
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
0.7
1.5
1
3
µV/°C
∆T
(Note 4)
14-Pin DIP, SOIC Package
2
6
µV/°C
IOS
Input Offset Current
15
50
20
75
nA
IB
Input Bias Current
100
200
120
250
nA
Input Voltage Range
3.1
3.2
3.1
3.2
V
0.2
0
0.2
0
V
CMRR
Common Mode Rejection Ratio
VCM = 0.2V to 3.1V
88
104
84
104
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V
91
113
88
113
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 500Ω
200
510
200
510
V/mV
Maximum Output Voltage Swing Output High, No Load
4.15
4.25
4.15
4.25
V
(Note 5)
Output High, ISOURCE = 1mA
4.00
4.16
4.00
4.16
V
Output High, ISOURCE = 15mA
3.72
3.89
3.72
3.89
V
Output Low, No Load
0.006
0.009
0.006
0.009
V
Output Low, ISINK = 1mA
0.037
0.060
0.037
0.060
V
Output Low, ISINK = 15mA
0.380
0.550
0.380
0.550
V
IS
Supply Current per Amplifier
1.5
2.9
4.0
1.5
2.9
4.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com