Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1214CS Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LT1214CS
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1214CS Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LT1214CS Datasheet HTML 6Page - Linear Integrated Systems LT1214CS Datasheet HTML 7Page - Linear Integrated Systems LT1214CS Datasheet HTML 8Page - Linear Integrated Systems LT1214CS Datasheet HTML 9Page - Linear Integrated Systems LT1214CS Datasheet HTML 10Page - Linear Integrated Systems LT1214CS Datasheet HTML 11Page - Linear Integrated Systems LT1214CS Datasheet HTML 12Page - Linear Integrated Systems LT1214CS Datasheet HTML 13Page - Linear Integrated Systems LT1214CS Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1213/LT1214
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Open-Loop Voltage Gain
Positive Output Saturation
vs Supply Voltage
Open-Loop Gain, VS = 5V
Voltage vs Temperature
Output Short-Circuit Current
Channel Separation vs Frequency
vs Temperature
Output Impedance vs Frequency
Negative Output Saturation
Voltage Gain vs Load Resistance
Open-Loop Gain, VS = ±15V
Voltage vs Temperature
TOTAL SUPPLY VOLTAGE (V)
0
8
16
20
36
412
24
28
32
6k
5k
4k
3k
2k
1k
0
1213/14 G16
TA = 25°C
TA = –55°C
RL = 2k
TA = 125°C
01
2
3
4
OUTPUT (V)
1213/14 G17
RL = 2k
RL =
500
Ω
LOAD RESISTANCE (
Ω)
10
10k
1k
100
10
100
1k
10k
1213/14 G19
TA = 25°C
VS = 5V
VS = ±15V
–10
0
10
OUTPUT (V)
1213/14 G20
RL = 2k
RL =
500
Ω
FREQUENCY (Hz)
140
130
120
110
100
90
80
70
60
50
40
30
10k
100k
10M
1213/14 G22
1M
VS = ±15V
TA = 25°C
TEMPERATURE (
°C)
–50
1000
100
10
1
–25
125
1213/14 G21
ISINK = 30mA
VS = 5V
0
25
50
100
75
ISINK = 10mA
ISINK = 1mA
ISINK = 10µA
FREQUENCY (Hz)
10k
1000
100
10
1
0.1
0.01
100k
1M
10M
1213/14 G24
AV = 100
VS = ±15V
AV = 10
AV = 1
TEMPERATURE (
°C)
–50
70
60
50
40
30
25
75
–25
0
50
100
125
1213/14 G23
VS = ±15V
SOURCING
OR SINKING
VS = 5V
SOURCING
TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
25
75
–25
0
50
100
125
ISOURCE = 20mA
VS = 5V
ISOURCE = 10mA
ISOURCE = 1mA
ISOURCE = 10µA
1213/14 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com