Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1214CS Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LT1214CS
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1214CS Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LT1214CS Datasheet HTML 4Page - Linear Integrated Systems LT1214CS Datasheet HTML 5Page - Linear Integrated Systems LT1214CS Datasheet HTML 6Page - Linear Integrated Systems LT1214CS Datasheet HTML 7Page - Linear Integrated Systems LT1214CS Datasheet HTML 8Page - Linear Integrated Systems LT1214CS Datasheet HTML 9Page - Linear Integrated Systems LT1214CS Datasheet HTML 10Page - Linear Integrated Systems LT1214CS Datasheet HTML 11Page - Linear Integrated Systems LT1214CS Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1213/LT1214
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LT1213MJ8, LT1213AMJ8:
TJ = TA + (PD × 100°C/W)
LT1213CN8, LT1213ACN8:
TJ = TA + (PD × 100°C/W)
LT1213CS8:
TJ = TA + (PD × 150°C/W)
LT1214CN:
TJ = TA + (PD × 70°C/W)
LT1214CS:
TJ = TA + (PD × 100°C/W)
Note 4: This parameter is not 100% tested.
Note 5: Guaranteed by correlation to 3.3V and
±15V tests.
Note 6: The LT1213/LT1214 are designed, characterized and expected to
meet these extended temperature limits, but are not tested at –40
°C and
85
°C. Guaranteed I grade parts are available. Consult factory.
Note 7: Slew rate is measured between
±8.5V on an output swing of ±10V
on
±15V supplies.
Note 8: Most LT1213/LT1214 electrical characteristics change very little
with supply voltage. See the 5V tables for characteristics not listed in the
3.3V table.
Note 9: Guaranteed by correlation to 5V and
±15V tests.
Note 10: Guaranteed by correlation to 3.3V tests.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
ELECTRICAL C
C
HARA TERISTICS
Distribution of Offset Voltage Drift
Distribution of Input Offset Voltage
with Temperature
Distribution of Input Offset Voltage
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
–3
50
40
30
20
10
0
3
1213/14 G02
–2
–1
1
LT1213 J8 PACKAGE
LT1213 N8 PACKAGE
VS = 5V
02
INPUT OFFSET VOLTAGE (
µV)
–350
70
60
50
40
30
20
10
0
–150
50
150
1213/14 G04
–250
–50
250
350
LT1213 S8 PACKAGE
LT1214 N PACKAGE
LT1214 S PACKAGE
VS = 5V
Distribution of Offset Voltage Drift
Distribution of Input Offset Voltage
with Temperature
Distribution of Input Offset Voltage
INPUT OFFSET VOLTAGE (
µV)
–350
70
60
50
40
30
20
10
0
–150
50
150
1213/14 G01
–250
–50
250
350
LT1213 J8 PACKAGE
LT1213 N8 PACKAGE
VS = 5V
INPUT OFFSET VOLTAGE (
µV)
–700
70
60
50
40
30
20
10
0
–300
100
300
1213/14 G03
–500
–100
500
700
LT1213 J8 PACKAGE
LT1213 N8 PACKAGE
VS = ±15V
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
–6
50
40
30
20
10
0
6
1213/14 G05
–4
–2
2
LT1213 S8 PACKAGE
LT1214 N PACKAGE
LT1214 S PACKAGE
VS = 5V
04
INPUT OFFSET VOLTAGE (
µV)
–700
70
60
50
40
30
20
10
0
–300
100
300
1213/14 G06
–500
–100
500
700
LT1213 S8 PACKAGE
LT1214 N PACKAGE
LT1214 S PACKAGE
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com