Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1499M Datasheet(PDF) 7 Page - Linear Technology

Part # RH1499M
Description  10MHz, 6V/關s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1499M Datasheet(HTML) 7 Page - Linear Technology

  RH1499M Datasheet HTML 1Page - Linear Technology RH1499M Datasheet HTML 2Page - Linear Technology RH1499M Datasheet HTML 3Page - Linear Technology RH1499M Datasheet HTML 4Page - Linear Technology RH1499M Datasheet HTML 5Page - Linear Technology RH1499M Datasheet HTML 6Page - Linear Technology RH1499M Datasheet HTML 7Page - Linear Technology RH1499M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RH1499M
7
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal Voltage Gain
Large Signal Voltage Gain
Slew Rate
Supply Current per Amp
Input Offset Voltage
Input Offset Current
Input Bias Current
Common Mode Rejection Ratio
Power Supply Rejection Ratio
TOTAL DOSE-Krad (Si)
1
8000
6000
4000
2000
0
10
100
1000
RH1499 G01
VS = ±15V
VO = ±14.5V
VS = 5V
VO = 75mV TO 4.8V
VS = 3V
VO = 75mV TO 2.8V
RL = 10k
TOTAL DOSE-Krad (Si)
1
4000
3000
2000
1000
0
10
100
1000
RH1499 G02
VS = ±15V
VO = ±10V
RL = 2k
TOTAL DOSE-Krad (Si)
1
8
6
4
2
0
10
100
1000
RH1499 G03
VS = ±15V
VO = ±10V
RL = 10k
TOTAL DOSE-Krad (Si)
1
4
3
2
1
0
10
100
1000
RH1499 G04
VS = ±15, 5V, 3V
TOTAL DOSE-Krad (Si)
1
80
60
40
20
0
–20
–40
–60
–80
10
100
1000
RH1499 G06
VS = ±15V, 5V, 3V
VCM = 0V
TOTAL DOSE-Krad (Si)
1
0
–200
–400
–600
–800
10
100
1000
RH1499 G07
VS = ±15V, 5V, 3V
VCM = 0V
TOTAL DOSE-Krad (Si)
1
130
120
110
100
90
80
70
60
50
10
100
1000
RH1499 G08
V– ≤ VCM ≤ V
+
VS = ±15V
VS = 5V
VS = 3V
TOTAL DOSE-Krad (Si)
1
160
140
120
100
80
10
100
1000
RH1499 G09
±2V ≤ VS ≤ ±16V
VCM = 0V
TOTAL DOSE-Krad (Si)
1
800
600
400
200
0
–200
–400
–600
–800
10
100
1000
RH1499 G05
VS = ±15V, 5V, 3V
VCM = 0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com