Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1499M Datasheet(PDF) 4 Page - Linear Technology

Part # RH1499M
Description  10MHz, 6V/關s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1499M Datasheet(HTML) 4 Page - Linear Technology

  RH1499M Datasheet HTML 1Page - Linear Technology RH1499M Datasheet HTML 2Page - Linear Technology RH1499M Datasheet HTML 3Page - Linear Technology RH1499M Datasheet HTML 4Page - Linear Technology RH1499M Datasheet HTML 5Page - Linear Technology RH1499M Datasheet HTML 6Page - Linear Technology RH1499M Datasheet HTML 7Page - Linear Technology RH1499M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RH1499M
4
TABLE 2: ELECTRICAL CHARACTERISTICS
(Preirradiation) VS = 3V, 5V; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
NOTES
TA = 25°C
SUB-
GROUP
–55°C ≤ TA ≤ 125°C
SUB-
GROUP UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
VCM = V+, V–
VCM = V+ – 0.5V, V– + 0.5V
150
800
1
300
1100
2, 3
μV
μV
Input Offset Voltage Match
(Channel-to-Channel)
(Note 3)
VCM = V+ to V–
VCM = V+ – 0.5V, V– + 0.5V
3
200
1400
350
1800
μV
μV
IB
Input Bias Current
VCM = V+
VCM = V+ – 0.5V
VCM = V–
VCM = V– + 0.5V
0
–650
250
–250
650
0
10
–1100
450
–450
1100
0
2, 3
nA
nA
nA
nA
Input Bias Current Match
(Channel-to-Channel)
(Note 3)
VCM = V+, V–
VCM = V+ – 0.5V, V– + 0.5V
3
0
10
180
0
30
400
nA
nA
IOS
Input Offset Current
VCM = V+, V–
VCM = V+ – 0.5V, V– + 0.5V
565
1
15
300
2, 3
nA
nA
Input Voltage Range
V–
V+
V– + 0.5V
V+ – 0.5V
V
Input Noise Voltage
0.1Hz to 10Hz
400
nVP-P
en
Input Noise Voltage Density f = 1kHz
12
nV/√Hz
in
Input Noise Current Density f = 1kHz
0.3
pA/√Hz
CIN
Input Capacitance
5
pF
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 75mV to 4.8V,
RL = 10k
VS = 3V, VO = 75mV to 2.8V,
RL = 10k
600
500
3800
2000
460
25
210
210
5, 6
V/mV
V/mV
CMRR
Common Mode Rejection
Ratio
VS = 5V, VCM = V+ to V–
VS = 3V, VCM = V+ to V–
VS = 5V, VCM = 0.5V to 4.5V
VS = 3V, VCM = 0.5V to 2.5V
76
72
90
86
1
68
65
85
85
2, 3
dB
dB
dB
dB
CMRR Match
(Channel-to-Channel)
(Note 3)
VS = 5V, VCM = V+ to V–
VS = 3V, VCM = V+ to V–
VS = 5V, VCM = 0.5V to 4.5V
VS = 3V, VCM = 0.5V to 2.5V
3
75
70
91
86
1
66
62
82
2, 3
dB
dB
dB
dB
PSRR
Power Supply Rejection
Ratio
VS = 2.2V to 12V,
VCM = VO = 0.5V
88
105
1
86
104
2, 3
dB
PSRR Match
(Channel-to-Channel)
(Note 3)
VS = 2.2V to 12V,
VCM = VO = 0.5V
3
82
120
80
118
dB
VOL
Output Voltage Swing
(Low) (Note 4)
No Load
ISINK = 1mA
ISINK = 2.5mA
4
14
50
90
30
100
200
4
25
65
110
75
150
220
5, 6
mV
mV
mV
VOH
Output Voltage Swing
(High) (Note 4)
No Load
ISINK = 1mA
ISINK = 2.5mA
4
2.5
70
140
10
150
250
4
5
100
180
25
250
300
5, 6
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3V
±12.5
±12
24
19
1±5
±5
±10
±9.5
2, 3
mA
mA
IS
Supply Current per Amp
1.7
2.2
1
2
2.7
2, 3
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com