Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1499M Datasheet(PDF) 5 Page - Linear Technology

Part # RH1499M
Description  10MHz, 6V/關s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1499M Datasheet(HTML) 5 Page - Linear Technology

  RH1499M Datasheet HTML 1Page - Linear Technology RH1499M Datasheet HTML 2Page - Linear Technology RH1499M Datasheet HTML 3Page - Linear Technology RH1499M Datasheet HTML 4Page - Linear Technology RH1499M Datasheet HTML 5Page - Linear Technology RH1499M Datasheet HTML 6Page - Linear Technology RH1499M Datasheet HTML 7Page - Linear Technology RH1499M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RH1499M
5
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below this absolute maximum rating when the output is shorted
indefinitely.
TABLE 2A: ELECTRICAL CHARACTERISTICS
(Postirradiation) VS = 5V, 3V; VCM = half supply, TA = 25°C, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
NOTES
TA = 25°C
SUB-
GROUP
–55°C ≤ TA ≤ 125°C
SUB-
GROUP UNITS
MIN
TYP
MAX
MIN
TYP
MAX
GBW
Gain-Bandwidth Product
VS = 5V, f = 100kHz
6.8
10.5
5.8
8.5
MHz
SR
Slew Rate
VS = ±2.5V, AV = –1,
RL = 2k,VO = ±2V,
Measure at VO = ±1V
2.6
4.5
4
2
3.6
5, 6
V/μs
TABLE 2: ELECTRICAL CHARACTERISTICS
(Preirradiation) VS = 3V, 5V; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
NOTES
10Krad (Si)
20Krad (Si)
50Krad (Si)
100Krad (Si)
200Krad (Si)
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
VOS
Input Offset Voltage
VCM = V+, V–
950
950
950
950
950
μV
IB
Input Bias Current
VCM = V+, V–
700
750
800
850
900
nA
IOS
Input Offset Current
VCM = V+, V–
65
65
65
65
65
nA
Input Voltage Range
V–
V+
V–
V+
V–
V+
V–
V+
V–
V+
V
AVOL
Large-Signal Voltage
Gain
VO = 75mV to V+ – 0.2V
R1 = 10k
300
300
300
300
300
V/mV
CMRR
Common Mode
Rejection Ratio
VCM = V+ to V–
70
70
70
70
70
dB
CMRR Match
(Channel-to-Channel)
VCM = V+ to V–
3
7070707070
dB
PSRR
Power Supply
Rejection Ratio
VS = 2.2V to 12V,
VCM = VO = 0.5V
88
88
88
88
88
dB
PSRR Match
(Channel-to-Channel)
VS = 2.2V to 12V,
VCM = VO = 0.5V
3
8282828282
dB
VOUT
Output Voltage
Swing Low
No Load
ISINK = 1mA
ISINK = 2.5mA
4
60
100
200
60
100
200
60
100
200
60
100
200
60
100
200
mV
mV
mV
Output Voltage
Swing High
No Load
ISINK = 1mA
ISINK = 2.5mA
4
20
150
250
20
150
250
20
150
250
20
150
250
20
150
250
mV
mV
mV
ISC
Short-Circuit Current
±8
±8
±8
±8
±8
mA
IS
Supply Current
2.2
2.2
2.2
2.2
2.2
mA
SR
Slew Rate
VS = ±2.5V, AV = –1,
RL = 10k, VO = ±2V,
Measure at VO = ±1V
22222
V/μs
Note 3: Matching parameters are the difference between amplifiers A and
D and between B and C.
Note 4: Output voltage swings are measured between the output and
power supply rails.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com