Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1499M Datasheet(PDF) 3 Page - Linear Technology

Part # RH1499M
Description  10MHz, 6V/關s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1499M Datasheet(HTML) 3 Page - Linear Technology

  RH1499M Datasheet HTML 1Page - Linear Technology RH1499M Datasheet HTML 2Page - Linear Technology RH1499M Datasheet HTML 3Page - Linear Technology RH1499M Datasheet HTML 4Page - Linear Technology RH1499M Datasheet HTML 5Page - Linear Technology RH1499M Datasheet HTML 6Page - Linear Technology RH1499M Datasheet HTML 7Page - Linear Technology RH1499M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RH1499M
3
TABLE 1A: ELECTRICAL CHARACTERISTICS
(Postirradiation) VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
NOTES
10Krad (Si)
20Krad (Si)
50Krad (Si)
100Krad (Si)
200Krad (Si)
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
VOS
Input Offset Voltage
VCM = V+, V–
950
950
950
950
950
μV
IB
Input Bias Current
VCM = V+, V–
765
815
865
915
965
nA
IOS
Input Offset Current
VCM = V+, V–
100
100
100
100
100
nA
Input Voltage Range
V–
V+
V–
V+
V–
V+
V–
V+
V–
V+
V
AVOL
Large-Signal Voltage
Gain
VO = –14.5V to 14.5V,
RL = 10k
500
500
500
500
500
V/mV
VO = –10V to 10V,
RL = 2k
250
250
250
250
250
V/mV
CMRR
Common Mode
Rejection Ratio
VCM = V+ to V–
86
86
86
86
86
dB
CMRR Match
(Channel-to-Channel)
VCM = V+ to V–
3
8383838383
dB
PSRR
Power Supply
Rejection Ratio
VS = ±2V to ±16V
90
90
90
90
90
dB
PSRR Match
(Channel-to-Channel)
VS = ±2V to ±16V
3
83
83
83
83
83
dB
VOUT
Output Voltage
Swing Low
No Load
ISINK = 1mA
ISINK = 10mA
4
60
100
500
60
100
500
60
100
500
60
100
500
60
100
500
mV
mV
mV
Output Voltage
Swing High
No Load
ISINK = 1mA
ISINK = 10mA
4
20
150
800
20
150
800
20
150
800
20
150
800
20
150
800
mV
mV
mV
ISC
Short-Circuit Current
±10
±10
±10
±10
±10
mA
IS
Supply Current
2.5
2.5
2.5
2.5
2.5
mA
GBW
Gain-Bandwidth
Product
f = 100kHz
4.5
4.5
4.5
4.5
4.5
MHz
SR
Slew Rate
AV = –1, RL = 10k,
VO = ±10V, Measure
at VO = ±5V
33333
V/μs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com