Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1007
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1007 Datasheet HTML 4Page - Linear Technology LT1007 Datasheet HTML 5Page - Linear Technology LT1007 Datasheet HTML 6Page - Linear Technology LT1007 Datasheet HTML 7Page - Linear Technology LT1007 Datasheet HTML 8Page - Linear Technology LT1007 Datasheet HTML 9Page - Linear Technology LT1007 Datasheet HTML 10Page - Linear Technology LT1007 Datasheet HTML 11Page - Linear Technology LT1007 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1007/LT1037
sn100737 100737fbs
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
70
60
50
20
15
10
70
60
50
0
50
75
1007/37 G30
–25
25
100
125
SLEW
GBW
VS = ±15V
CL = 100pF
PHASE MARGIN
50mV
0V
– 50mV
AVCL = 5
VS = ±15V
CL = 15pF
1007/37 G28
LT1037 Small-Signal
Transient Response
LT1037 Phase Margin, Gain
Bandwidth Product, Slew Rate vs
Temperature
10V
0V
– 10V
AVCL = 5
VS = ±15V
1007/37 G29
LT1037 Large-Signal Response
FREQUENCY (MHz)
0.1
40
30
20
10
0
–10
90
100
110
120
130
140
150
160
170
180
190
1
10
100
1007/37 G32
VS = ±15V
TA = 25°C
CL = 100pF
GAIN
PHASE
TEMPERATURE (
°C)
–50
70
60
50
3
2
1
9
8
7
0
50
75
1007/37 G33
–25
25
100
125
SLEW
GBW
VS = ±15V
CL = 100pF
PHASE MARGIN
FREQUENCY (MHz)
0.1
50
40
30
20
10
0
90
100
110
120
130
140
150
160
170
180
190
1
10
100
1007/37 G31
AV = 5
VS = ±15V
TA = 25°C
CL = 100pF
GAIN
PHASE
LT1037 Gain, Phase Shift
vs Frequency
LT1007 Gain, Phase Shift
vs Frequency
50mV
0V
– 50mV
AVCL = 1
VS = ±15V
CL = 15pF
1007/37 G34
FREQUENCY (Hz)
28
24
20
16
12
8
4
0
1k
100k
1M
10M
1007/37 G36
10k
VS = ±15V
TA = 25°C
LT1037
LT1007
Maximum Undistorted Output
vs Frequency
5V
0V
–5V
AVCL = –1
VS = ±15V
1007/37 G35
LT1007 Small-Signal
Transient Response
LT1007 Large-Signal Response
LT1007 Phase Margin, Gain
Bandwidth Product, Slew Rate vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com