Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1007
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1007 Datasheet HTML 7Page - Linear Technology LT1007 Datasheet HTML 8Page - Linear Technology LT1007 Datasheet HTML 9Page - Linear Technology LT1007 Datasheet HTML 10Page - Linear Technology LT1007 Datasheet HTML 11Page - Linear Technology LT1007 Datasheet HTML 12Page - Linear Technology LT1007 Datasheet HTML 13Page - Linear Technology LT1007 Datasheet HTML 14Page - Linear Technology LT1007 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1007/LT1037
sn100737 100737fbs
The LT1007/LT1037 achieve their low noise, in part, by
operating the input stage at 120
µA versus the typical 10µA
of most other op amps. Voltage noise is inversely propor-
tional while current noise is directly proportional to the
square root of the input stage current. Therefore, the
LT1007/LT1037’s current noise will be relatively high. At
low frequencies, the low 1/f current noise corner fre-
quency (
≈120Hz) minimizes current noise to some extent.
In most practical applications, however, current noise will
not limit system performance. This is illustrated in the
Total Noise vs Source Resistance plot in the Typical
Performance Characteristics section, where:
Total Noise = [(voltage noise)2 + (current noise • RS)
2 +
(resistor noise)2]1/2
Three regions can be identified as a function of source
resistance:
(i) RS ≤ 400Ω. Voltage noise dominates
(ii) 400
Ω ≤ RS ≤ 50k at 1kHz
400
Ω ≤ RS ≤ 8k at 10Hz
(iii) RS > 50k at 1kHz
RS > 8k at 10Hz
Clearly the LT1007/LT1037 should not be used in region
(iii), where total system noise is at least six times higher
than the voltage noise of the op amp, i.e., the low voltage
noise specification is completely wasted.
TYPICAL APPLICATIONS
1007/37 TA03
365
Ω
1%
15k
5%
20k
TRIM
LT1037
2
15V
–15V
INPUT
3
7
6
4
OUTPUT
RN60C FILM RESISTORS
340k
1%
THE HIGH GAIN AND WIDE BANDWIDTH OF THE LT1037 (AND LT1007) IS
USEFUL IN LOW FREQUENCY, HIGH CLOSED-LOOP GAIN AMPLIFIER
APPLICATIONS. A TYPICAL PRECISION OP AMP MAY HAVE AN OPEN-LOOP
GAIN OF ONE MILLION WITH 500kHz BANDWIDTH. AS THE GAIN ERROR
PLOT SHOWS, THIS DEVICE IS CAPABLE OF 0.1% AMPLIFYING ACCURACY
UP TO 0.3Hz ONLY. EVEN INSTRUMENTATION RANGE SIGNALS CAN VARY
AT A FASTER RATE. THE LT1037’S “GAIN PRECISION-BANDWIDTH
PRODUCT” IS 200 TIMES HIGHER AS SHOWN.
FREQUENCY (Hz)
0.1
0.001
0.01
0.1
1
1
10
100
TYPICAL
PRECISION
OP AMP
LT1007
LT1037
GAIN ERROR =
CLOSED-LOOP GAIN
OPEN-LOOP GAIN
Gain 1000 Amplifier with 0.01% Accuracy, DC to 5Hz
Gain Error vs Frequency
Closed-Loop Gain = 1000
} Resistor noise
dominates
} Current noise
dominates
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com