Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1007
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007 Datasheet(HTML) 4 Page - Linear Technology

  LT1007 Datasheet HTML 1Page - Linear Technology LT1007 Datasheet HTML 2Page - Linear Technology LT1007 Datasheet HTML 3Page - Linear Technology LT1007 Datasheet HTML 4Page - Linear Technology LT1007 Datasheet HTML 5Page - Linear Technology LT1007 Datasheet HTML 6Page - Linear Technology LT1007 Datasheet HTML 7Page - Linear Technology LT1007 Datasheet HTML 8Page - Linear Technology LT1007 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1007/LT1037
sn100737 100737fbs
The q denotes the specifications which apply over the temperature range – 40
°C ≤ TA ≤ 85°C, VS = ±15V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
For MIL-STD components, please refer to LTC 883C data sheet for test
listing and parameters.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Input Offset Voltage measurements are performed by automatic
test equipment approximately 0.5 seconds after application of power. AM
and AC grades are guaranteed fully warmed up.
Note 3: Long Term Input Offset Voltage Stability refers to the average
trend line of Offset Voltage vs Time over extended periods after the first 30
days of operation. Excluding the initial hour of operation, changes in VOS
during the first 30 days are typically 2.5
µV. Refer to typical performance
curve.
Note 4: This parameter is tested on a sample basis only.
Note 5: 10Hz noise voltage density is sample tested on every lot. Devices
100% tested at 10Hz are available on request.
Note 6: See the test circuit and frequency response curve for 0.1Hz to
10Hz tester in the Applications Information section.
Note 7: See the test circuit for current noise measurement in the
Applications Information section.
Note 8: This parameter is guaranteed by design and is not tested.
Note 9: The inputs are protected by back-to-back diodes. Current limiting
resistors are not used in order to achieve low noise. If differential input
voltage exceeds
±0.7V, the input current should be limited to 25mA.
Note 10: The Average Input Offset Drift performance is within the
specifications unnulled or when nulled with a pot having a range of 8k
Ω to
20k
Ω.
The q denotes the specifications which apply over the temperature range – 55
°C ≤ TA ≤ 125°C, VS = ±15V, unless otherwise noted.
LT1007I/LT1037I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
q
40
125
µV
∆VOS
Average Input Offset Drift
(Note 10)
q
0.3
1.0
µV/°C
∆Temp
IOS
Input Offset Current
q
20
80
nA
IB
Input Bias Current
q
±25
±90
nA
Input Voltage Range
q
±10
±11.7
V
CMRR
Common Mode Rejection Ratio
VCM = ±10.5V
q
105
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
q
101
120
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
q
2.0
15.0
V/
µV
RL ≥ 1k, VO = ±10V
q
1.5
12.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
q
±12.0 ±13.6
V
PD
Power Dissipation
q
95
165
mW
LT1007AM/LT1037AM
LT1007M/LT1037M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
q
25
60
50
160
µV
∆VOS
Average Input Offset Drift
(Note 10)
q
0.2
0.6
0.3
1.0
µV/°C
∆Temp
IOS
Input Offset Current
q
15
50
20
85
nA
IB
Input Bias Current
q
±20
±60
±35
±95
nA
Input Voltage Range
q
±10.3 ±11.5
±10.3 ±11.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±10.3V
q
112
126
104
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
q
104
126
100
120
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
q
3.0
14.0
2.0
14.0
V/
µV
RL ≥ 1k, VO = ±10V
q
2.0
10.0
1.5
10.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
q
±12.5 ±13.5
±12.0 ±13.5
V
PD
Power Dissipation
q
100
150
100
170
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com