Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1007
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1007 Datasheet HTML 2Page - Linear Technology LT1007 Datasheet HTML 3Page - Linear Technology LT1007 Datasheet HTML 4Page - Linear Technology LT1007 Datasheet HTML 5Page - Linear Technology LT1007 Datasheet HTML 6Page - Linear Technology LT1007 Datasheet HTML 7Page - Linear Technology LT1007 Datasheet HTML 8Page - Linear Technology LT1007 Datasheet HTML 9Page - Linear Technology LT1007 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1007/LT1037
sn100737 100737fbs
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
0.01
180
160
140
120
100
80
60
40
20
0
–20
1007/37 G10
0.1
1
10 100 1k 10k 100k 1M 10M 100M
VS = ±15V
TA = 25°C
RL = 2k
LT1037
LT1007
Voltage Gain, RL = 2k and 600Ω
SUPPLY VOLTAGE (
±V)
0
25
20
15
10
5
0
20
1007/37 G11
5
10
15
25
TA = 25°C
RL = 2k
RL = 600Ω
TIME AFTER POWER ON (MINUTES)
0
10
8
6
4
2
0
4
1007/37 G15
1
2
3
5
VS = ±15V
TA = 25°C
DUAL-IN-LINE PACKAGE
PLASTIC (N8) OR CERDIP (J8)
METAL CAN (H) PACKAGE
Voltage Gain vs Frequency
Voltage Gain vs Supply Voltage
Voltage Gain vs Load Resistance
LOAD RESISTANCE (k
Ω)
0.1
0.3
3
25
20
15
10
5
0
110
1007/37 G13
VS = ±15V
TA = 25°C
Warm-Up Drift
TEMPERATURE (
°C)
–50
25
20
15
10
5
0
0
50
75
1007/37 G14
–25
25
100
125
RL = 2k
RL = 1k
RL = 600Ω
VS = ±15V
VOUT = ±10V
VOUT = ±8V FOR
TA ≥ 100°C AND
RL = 600Ω
Voltage Gain vs Temperature
TIME (MONTHS)
0
10
5
0
–5
–10
8
1007/37 G16
2
4
6
10
0.2
µV/MONTH
0.2
µV/MONTH
TREND LINE
Long Term Stability of Four
Representative Units
SUPPLY VOLTAGE (
±V)
0
20
1007/37 G18
5
10
15
4
3
2
1
0
125
°C
25
°C
–55
°C
Supply Current vs Supply Voltage
Offset Voltage Drift with Temperature
of Representative Units
TEMPERATURE (
°C)
–50
50
40
30
20
10
0
–10
–20
–30
–40
–50
0
50
75
1007/37 G17
–25
25
100
125
VS = ±15V
LT1007A/LT1037A
LT1007/LT1037
–1
0
1
–1
0
1
VS = ±15V
TA = 25°C
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
MEASURED ON TEKTRONIX 178 LINEAR IC TESTER
1007/37 G12
RL = 2k
RL = 600Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com