Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6416 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6416
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6416 Datasheet HTML 3Page - Torex Semiconductor XC6416 Datasheet HTML 4Page - Torex Semiconductor XC6416 Datasheet HTML 5Page - Torex Semiconductor XC6416 Datasheet HTML 6Page - Torex Semiconductor XC6416 Datasheet HTML 7Page - Torex Semiconductor XC6416 Datasheet HTML 8Page - Torex Semiconductor XC6416 Datasheet HTML 9Page - Torex Semiconductor XC6416 Datasheet HTML 10Page - Torex Semiconductor XC6416 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/30
XC6416
Series
NOMINAL
OUTPUT
VOLTAGE
(V)
OUTPUT
VOLTAGE
1% IN HS MODE
(V)
OUTPUT
VOLTAGE
2% IN PS MODE
(V)
OUTPUT
VOLTAGE
3% IN PS MODE
(V)
LOAD
REGULATION
E-1 (mV)
DROPOUT
VOLTAGE
E-2 (mV)
PS SWITCHING
DELEAY TIME
E-3 (μs)
VOUT1(E)
VOUT1(E)
VOUT2(E)
ΔVOUT
Vdif
tDPS
VOUT(T)
MIN.
MAX.
MIN.
MIN.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
0.80
0.7800
0.8200
0.7700
0.8300
0.7400
0.8600
10
30
500
850
250
850
0.85
0.8300
0.8700
0.8200
0.8800
0.7900
0.9100
10
30
500
850
250
850
0.90
0.8800
0.9200
0.8700
0.9300
0.8400
0.9600
10
30
410
750
250
850
0.95
0.9300
0.9700
0.9200
0.9800
0.8900
1.0100
10
30
410
750
250
850
1.00
0.9800
1.0200
0.9700
1.0300
0.9400
1.0600
10
30
360
600
250
850
1.05
1.0300
1.0700
1.0200
1.0800
0.9900
1.1100
10
30
360
600
250
850
1.10
1.0800
1.1200
1.0700
1.1300
1.0400
1.1600
10
30
330
500
250
850
1.15
1.1300
1.1700
1.1200
1.1800
1.0900
1.2100
10
30
330
500
250
850
1.20
1.1800
1.2200
1.1700
1.2300
1.1400
1.2600
10
30
280
420
250
850
1.25
1.2300
1.2700
1.2200
1.2800
1.1900
1.3100
10
30
280
420
250
850
1.30
1.2800
1.3200
1.2700
1.3300
1.2400
1.3600
10
30
240
360
250
850
1.35
1.3300
1.3700
1.3200
1.3800
1.2900
1.4100
10
30
240
360
250
850
1.40
1.3800
1.4200
1.3700
1.4300
1.3400
1.4600
10
30
200
300
250
850
1.45
1.4300
1.4700
1.4200
1.4800
1.3900
1.5100
10
30
200
300
250
850
1.50
1.4800
1.5200
1.4700
1.5300
1.4400
1.5600
10
30
180
260
250
850
1.55
1.5300
1.5700
1.5190
1.5810
1.4900
1.6100
10
30
180
260
250
850
1.60
1.5800
1.6200
1.5680
1.6320
1.5400
1.6600
10
30
170
240
250
850
1.65
1.6300
1.6700
1.6170
1.6830
1.5900
1.7100
10
30
170
240
250
850
1.70
1.6800
1.7200
1.6660
1.7340
1.6400
1.7600
10
30
170
240
250
850
1.75
1.7300
1.7700
1.7150
1.7850
1.6900
1.8100
10
30
170
240
250
850
1.80
1.7800
1.8200
1.7640
1.8360
1.7400
1.8600
10
30
150
200
250
850
1.85
1.8300
1.8700
1.8130
1.8870
1.7900
1.9100
10
30
150
200
250
850
1.90
1.8800
1.9200
1.8620
1.9380
1.8400
1.9600
10
30
150
200
250
850
1.95
1.9300
1.9700
1.9110
1.9890
1.8900
2.0100
10
30
150
200
250
850
2.00
1.9800
2.0200
1.9600
2.0400
1.9400
2.0600
20
50
150
200
400
1500
2.05
2.0295
2.0705
2.0090
2.0910
1.9885
2.1115
20
50
150
200
400
1500
2.10
2.0790
2.1210
2.0580
2.1420
2.0370
2.1630
20
50
150
200
400
1500
2.15
2.1285
2.1715
2.1070
2.1930
2.0855
2.2145
20
50
150
200
400
1500
2.20
2.1780
2.2220
2.1560
2.2440
2.1340
2.2660
20
50
120
180
400
1500
2.25
2.2275
2.2725
2.2050
2.2950
2.1825
2.3175
20
50
120
180
400
1500
2.30
2.2770
2.3230
2.2540
2.3460
2.2310
2.3690
20
50
120
180
400
1500
2.35
2.3265
2.3735
2.3030
2.3970
2.2795
2.4205
20
50
120
180
400
1500
2.40
2.3760
2.4240
2.3520
2.4480
2.3280
2.4720
20
50
120
180
400
1500
2.45
2.4255
2.4745
2.4010
2.4990
2.3765
2.5235
20
50
120
180
400
1500
2.50
2.4750
2.5250
2.4500
2.5500
2.4250
2.5750
20
50
110
180
400
1500
2.55
2.5245
2.5755
2.4990
2.6010
2.4735
2.6265
20
50
110
180
400
1500
2.60
2.5740
2.6260
2.5480
2.6520
2.5220
2.6780
20
50
110
180
400
1500
2.65
2.6235
2.6765
2.5970
2.7030
2.5705
2.7295
20
50
110
180
400
1500
2.70
2.6730
2.7270
2.6460
2.7540
2.6190
2.7810
20
50
110
180
400
1500
2.75
2.7225
2.7775
2.6950
2.8050
2.6675
2.8325
20
50
110
180
400
1500
2.80
2.7720
2.8280
2.7440
2.8560
2.7160
2.8840
20
50
95
150
400
1500
2.85
2.8215
2.8785
2.7930
2.9070
2.7645
2.9355
20
50
95
150
400
1500
2.90
2.8710
2.9290
2.8420
2.9580
2.8130
2.9870
20
50
95
150
400
1500
2.95
2.9205
2.9795
2.8910
3.0090
2.8615
3.0385
20
50
95
150
400
1500
■ELECTRICAL CHARACTERISTICS (Continued)
●Output Voltage Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com