Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6416 Datasheet(PDF) 17 Page - Torex Semiconductor

Part # XC6416
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416 Datasheet(HTML) 17 Page - Torex Semiconductor

Back Button XC6416 Datasheet HTML 13Page - Torex Semiconductor XC6416 Datasheet HTML 14Page - Torex Semiconductor XC6416 Datasheet HTML 15Page - Torex Semiconductor XC6416 Datasheet HTML 16Page - Torex Semiconductor XC6416 Datasheet HTML 17Page - Torex Semiconductor XC6416 Datasheet HTML 18Page - Torex Semiconductor XC6416 Datasheet HTML 19Page - Torex Semiconductor XC6416 Datasheet HTML 20Page - Torex Semiconductor XC6416 Datasheet HTML 21Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17/30
XC6416
Series
XC6416(VOUT=2.8V)
XC6416(VOUT=4.0V)
IOUT=0mA
IOUT=0mA
■PS mode(V
GO=VSS)
XC6416(VOUT=0.8V)
XC6416(VOUT=1.5V)
VGO=VSS
VGO=VSS
IOUT=0mA
IOUT=0mA
XC6416(VOUT=2.8V)
XC6416(VOUT=4.0V)
VGO=VSS
VGO=VSS
IOUT=0mA
IOUT=0mA
0
10
20
30
40
50
01
2
3
4
5
6
Input Voltage : VIN[V]
Ta=85℃
Ta=25℃
Ta=-40℃
0
10
20
30
40
50
0123
456
Input Voltage : VIN[V]
Ta=85℃
Ta=25℃
Ta=-40℃
0
10
20
30
40
50
01
2
3
4
5
6
Input Voltage : VIN[V]
Ta=85℃
Ta=25℃
Ta=-40℃
0
10
20
30
40
50
0
1234
56
Input Voltage : VIN[V]
Ta=85℃
Ta=25℃
Ta=-40℃
0
10
20
30
40
50
012
3
456
Input Voltage : VIN[V]
Ta=85℃
Ta=25℃
Ta=-40℃
0
10
20
30
40
50
01
23
45
6
Input Voltage : VIN[V]
Ta=85℃
Ta=25℃
Ta=-40℃
(4) Supply Current vs. Input Voltage (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
■GreenOperation mode (VGO=VSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com