Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6416 Datasheet(PDF) 27 Page - Torex Semiconductor

Part # XC6416
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416 Datasheet(HTML) 27 Page - Torex Semiconductor

Back Button XC6416 Datasheet HTML 22Page - Torex Semiconductor XC6416 Datasheet HTML 23Page - Torex Semiconductor XC6416 Datasheet HTML 24Page - Torex Semiconductor XC6416 Datasheet HTML 25Page - Torex Semiconductor XC6416 Datasheet HTML 26Page - Torex Semiconductor XC6416 Datasheet HTML 27Page - Torex Semiconductor XC6416 Datasheet HTML 28Page - Torex Semiconductor XC6416 Datasheet HTML 29Page - Torex Semiconductor XC6416 Datasheet HTML 30Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
27/30
XC6416
Series
XC6416BB07MR(VOUT1=3.0V、VOUT2=3.0V)
XC6416BB07MR(VOUT1=3.0V、VOUT2=3.0V)
VIN=4.0V、IOUT1=10mA⇔50mA、tr=tf=5μs
VIN=4.0V、IOUT1=10mA→50mA、tr=5μs
CIN=CL1=CL2=1.0μF(ceramic)
CIN=CL1=CL2=1.0μF(ceramic)
VGO=VSS
VGO=VSS
Ta=25℃
Ta=25℃
XC6416BB07MR(VOUT1=3.0V、VOUT2=3.0V)
XC6416BB07MR(VOUT1=3.0V、VOUT2=3.0V)
VIN=4.0V、IOUT1=0.1mA⇔50mA、tr=tf=5μs
VIN=4.0V、IOUT1=0.1mA→50mA、tr=5μs
CIN=CL1=CL2=1.0μF(ceramic)
CIN=CL1=CL2=1.0μF(ceramic)
VGO=VSS
VGO=VSS
Ta=25℃
Ta=25℃
2.7
2.8
2.9
3
3.1
3.2
Time:200μs/div
2.6
2.7
2.8
2.9
3
3.1
Output Voltage (VR2=0.1mA)
Output Current (VR1=0.1mA→50mA)
Output Voltage (VOUT2=0.1mA)
2.7
2.8
2.9
3
3.1
3.2
Time:50μs/div
2.6
2.7
2.8
2.9
3
3.1
Output Voltage (VOUT1=10→50mA)
Output Current (IOUT1=10→50mA)
Output Current (IOUT1=10→50mA)
Output Voltage (VOUT1=10→50mA)
Output Voltage (VOUT2=0.1mA)
2.7
2.8
2.9
3
3.1
3.2
Time:400μs/div
2.6
2.7
2.8
2.9
3
3.1
2.7
2.8
2.9
3
3.1
3.2
Time:50μs/div
2.6
2.7
2.8
2.9
3
3.1
Output Voltage (VOUT2=0.1mA)
Output Voltage (VOUT1=0.1→50mA)
Output Current (IOUT1=0.1→50mA)
Output Voltage (VOUT2=0.1mA)
Output Voltage (VOUT1=0.1→50mA)
Output Current (IOUT1=0.1→50mA)
XC6416(VOUT=2.8V)
XC6416(VOUT=4.0V)
VIN=3.8V+0.5Vp-p AC、IOUT=30mA
VIN=5.0V+0.5Vp-p AC、IOUT=30mA
CL=1.0μF(ceramic)
CL=1.0μF(ceramic)
Ta=25℃
Ta=25℃
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Ripple Frequency: f[kHz]
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Ripple Frequency: f[kHz]
(13) Ripple Rejection Rate (Continued)
(14) Cross Talk
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com