Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6416 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6416
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6416 Datasheet HTML 17Page - Torex Semiconductor XC6416 Datasheet HTML 18Page - Torex Semiconductor XC6416 Datasheet HTML 19Page - Torex Semiconductor XC6416 Datasheet HTML 20Page - Torex Semiconductor XC6416 Datasheet HTML 21Page - Torex Semiconductor XC6416 Datasheet HTML 22Page - Torex Semiconductor XC6416 Datasheet HTML 23Page - Torex Semiconductor XC6416 Datasheet HTML 24Page - Torex Semiconductor XC6416 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/30
XC6416
Series
(10) EN 立ち上がり特性例
XC6416(VOUT=2.8V)
XC6416(VOUT=4.0V)
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
VIN=0V→3.8V、tr=5μs、IOUT=1.0mA
VIN=0V→5.0V、tr=5μs、IOUT=1.0mA
VGO=VSS
VGO=VSS
Ta=25℃
Ta=25℃
Time : 20μs/div
Input Voltage : VIN
Output Voltage : VOUT
Time : 20μs/div
Input Voltage : VIN
Output Voltage : VOUT
■HS mode(VGO=VIN)
XC6416(VOUT=0.8V)
XC6416(VOUT=1.5V)
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
VIN=1.8V、VEN=0V→1.8V、tr=5μs
VIN=2.5V、VEN=0V→2.5V、tr=5μs
IOUT=30mA
IOUT=30mA
Ta=25℃
Ta=25℃
XC6416(VOUT=2.8V)
XC6416(VOUT=4.0V)
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
VIN=3.8V、VEN=0V→3.8V、tr=5μs
VIN=5.0V、VEN=0V→5.0V、tr=5μs
IOUT=30mA
IOUT=30mA
Ta=25℃
Ta=25℃
Time : 20μs/div
EN Voltage : VEN
Output Voltage : VOUT
Time : 20μs/div
EN Voltage : VEN
Output Voltage : VOUT
Time : 20μs/div
Input Voltage : VEN
Output Voltage : VOUT
Time : 20μs/div
Input Voltage : VEN
Output Voltage : VOUT
(9) Rising Response Time (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) EN Rising Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com