Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1083CK Datasheet(PDF) 1 Page - Linear Technology

Part # RH1083CK
Description  7.5A Low Dropout Positive Adjustable Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1083CK Datasheet(HTML) 1 Page - Linear Technology

  RH1083CK Datasheet HTML 1Page - Linear Technology RH1083CK Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE/DWF SPECIFICATION
1
RH1083CK
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
160mils
× 121mils
Backside metal: Alloyed gold layer
Backside potential: substrate to Pad 2
DIE CROSS REFERENCE
LTC Finished
Part Number
Order DICE CANDIDATE
Part Number Below
RH1083CK
RH1083CK
RH1083CK DICE
RH1083CK DWF*
Please refer to LTC standard product data sheet for
other applicable product information.
*DWF = DICE in wafer form.
7.5A Low Dropout
Positive Adjustable Regulator
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
DICE/DWF ELECTRICAL TEST LIMITS
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNITS
Reference Voltage
IOUT = 10mA, (VIN – VOUT) = 3V
1.238
1.262
V
10mA ≤ IOUT ≤ 50mA
1.5V ≤ (VIN – VOUT) ≤ 25V
1.225
1.270
V
Line Regulation
IOUT = 10mA, 1.5V ≤ (VIN – VOUT) ≤ 15V
15V ≤ (VIN – VOUT) ≤ 30V
1, 2
0.2
0.5
%
%
Load Regulation
(VIN – VOUT) = 3V
10mA ≤ IOUT ≤ 50mA
1, 2
0.35
%
Dropout Voltage
ΔVREF = 1%, IOUT = 50mA
3
1.5
V
Current Limit
(VIN – VOUT) = 5V
8
A
Minimum Load Current
(VIN – VOUT) = 25V
10
mA
ADJUST Pin Current
TJ = 25°C
120
μA
ADJUST Pin Current Change
10mA ≤ IOUT ≤ 50mA
1.5V ≤ (VIN – VOUT) ≤ 25V
5μA
PAD FUNCTION
1.
2.
3.
ADJUST
VOUT
VIN
3
22
3
22
3
3
2
1


Similar Part No. - RH1083CK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
More results

Similar Description - RH1083CK

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
7.5A Low Dropout Positive Voltage Regulator
logo
Linear Technology
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com