Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1083M Datasheet(PDF) 2 Page - Linear Technology

Part # RH1083M
Description  7.5A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1083M Datasheet(HTML) 2 Page - Linear Technology

  RH1083M Datasheet HTML 1Page - Linear Technology RH1083M Datasheet HTML 2Page - Linear Technology RH1083M Datasheet HTML 3Page - Linear Technology RH1083M Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
RH1083M
TJ = 25°C
SUB-
SUB-
PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
Reference Voltage
IOUT = 10mA, (VIN – VOUT) = 3V
3
1.238 1.250 1.262
1
V
10mA
≤ IOUT ≤ IFULLLOAD,
1.225 1.250 1.270
2,3
V
1.5V
≤ (VIN – VOUT) ≤ 25V
Line Regulation
ILOAD = 10mA
1.5V
≤ (VIN – VOUT) = 15V
1,2
0.015
0.2
1
0.035
0.2
2,3
%
15V
≤ (VIN – VOUT) = 30V
0.5
1
0.05
0.5
2,3
%
Load Regulation
(VIN – VOUT) = 3V
10mA
≤ IOUT ≤ IFULLLOAD
1,2,3
0.1
0.3
1
0.2
0.4
2,3
%
Dropout Voltage
ΔVREF = 1%, IOUT = IFULLLOAD
4
1.5
1
1.3
1.5
2,3
V
Current Limit
(VIN – VOUT) = 5V
8.0
1
8.0
9.5
2,3
A
(VIN – VOUT) = 25V
0.4
1
0.4
1.0
2,3
A
Minimum Load Current
(VIN – VOUT) = 25V
10
1
5.0
10
2,3
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
0.002 0.010
1
%/W
Ripple Rejection
f = 120Hz, CADJ = 25μF,
60
4
60
75
5,6
dB
COUT = 25μF Tantalum,
IOUT = IFULLLOAD (VIN – VOUT) = 3V
Adjust Pin Current
55
120
1
120
2,3
μA
Adjust Pin Current Change 10mA
≤ IOUT ≤ IFULLLOAD,
5
1
0.2
5.0
2,3
μA
1.5V
≤ (VIN – VOUT) ≤ 25V
Temperature Stability
0.5
%
Long-Term Stability
TA = 125°C, 1000 Hours
0.3
%
RMS Output Noise
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
(% of VOUT)
Thermal Resistance
Control Circuitry
5
0.6
°C/W
Junction-to-Case
Power Transistor
5
1.6
°C/W
TABLE 1: ELECTRICAL CHARACTERISTICS (Preirradiation)
–55
°C ≤ TJ ≤ 125°C
TOTAL DOSE BIAS CIRCUIT
RH1083
VIN
VOUT
ADJ
150
Ω
RH1083 TDBC
15V
–15V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com