Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1083M Datasheet(PDF) 4 Page - Linear Technology

Part # RH1083M
Description  7.5A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1083M Datasheet(HTML) 4 Page - Linear Technology

  RH1083M Datasheet HTML 1Page - Linear Technology RH1083M Datasheet HTML 2Page - Linear Technology RH1083M Datasheet HTML 3Page - Linear Technology RH1083M Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
RH1083M
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● TELEX: 499-3977
©LINEAR TECHNOLOGY CORPORATION 1996
LT/HP 500 0796 • PRINTED IN USA
I.D. No. 66-11-1083 0796
TYPICAL PERFORMANCE CHARACTERISTICS
TOTAL DOSE – Krad (Si)
1
1.26
1.25
1.24
1.23
1.22
10
100
1000
RH1083 G01
10mA
≤ Δ ≤ IOUT ≤ IFULLLOAD
1.5V
≤ (V
IN – VOUT) ≤ 15V
Reference Voltage
TOTAL DOSE – Krad (Si)
1
10.0
9.5
9.0
8.5
8.0
10
100
1000
RH1083 G03
(VIN – VOUT) = 5V
TOTAL DOSE – Krad (Si)
1
105
100
95
90
85
80
75
70
65
10
100
1000
RH1083 G02
(VIN – VOUT) = 3V
IOUT = IFULLLOAD
Ripple Rejection
Current Limit
Current Limit
Line Regulation
Load Regulation
TOTAL DOSE – Krad (Si)
1
1.1
1.0
0.9
0.8
0.7
10
100
1000
RH1083 G04
(VIN – VOUT) = 25V
TOTAL DOSE – Krad (Si)
1
0.3
0.2
0.1
0
–0.1
10
100
1000
RH1083 G05
1.5V
≤ (V
IN – VOUT) ≤ 15V
IOUT = 10mA
TOTAL DOSE – Krad (Si)
1
0.2
0.1
0
–0.1
–0.2
10
100
1000
RH1083 G06
(VIN – VOUT) = 3V
10mA
≤IOUT = 7.5A
TOTAL DOSE – Krad (Si)
1
1.8
1.6
1.4
1.2
1.0
10
100
1000
RH1083 G07
IOUT = 7.5A
Dropout Voltage
TOTAL DOSE – Krad (Si)
1
80
70
60
50
40
10
100
1000
RH1083 G08
(VIN – VOUT) = 3V
10mA
≤ IL ≤ IFULLLOAD
Adjust Pin Current
Minimum Load Current
TOTAL DOSE – Krad (Si)
1
4
3
2
1
0
10
100
1000
RH1083 G09
(VIN – VOUT) = 25V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com