Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1083M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1083M
Description  7.5A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1083M Datasheet(HTML) 1 Page - Linear Technology

  RH1083M Datasheet HTML 1Page - Linear Technology RH1083M Datasheet HTML 2Page - Linear Technology RH1083M Datasheet HTML 3Page - Linear Technology RH1083M Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RH1083M
7.5A Low Dropout
Positive Adjustable Regulator
DESCRIPTIO
The RH1083M positive adjustable regulator is designed to
provide 7.5A with higher efficiency than currently avail-
able devices. All internal circuitry is designed to operate
down to 1V input-to-output differential and the dropout
voltage is fully specified as a function of load current.
Dropout is guaranteed at a maximum of 1.5V at maximum
output current, decreasing at lower load currents. On-chip
trimming adjusts the output voltage to 1%. Current limit is
also trimmed, minimizing the stress on both the regulator
and power source circuitry under overload conditions.
The RH1083M is pin compatible with older 3-terminal
regulators. A 10
μFoutputcapacitorisrequiredonthisnew
device. However, this is usually included in most regulator
designs.
Unlike PNP regulators, where up to 10% of the output
current is wasted as quiescent current, the RH1083M
quiescent current flows into the load, increasing efficiency.
The wafer lots are processed to Linear Technology
Corporation’s in-house Class S flow-to-yield circuits us-
able in stringent military applications.
Since the TO-3 package on this product cannot meet the
cracked glass external visual criteria of MIL-STD-883
Method 2009, inspection for cracked glass at 100% exter-
nal visual will not be performed. Instead a 100% fine/gross
leak test will be performed just prior to shipment.
BUR -I CIRCUIT
A
G
A
U
A
R
BSOLUTEXI
TI
S
Power Dissipation .............................. Internally Limited
Input-to-Output Voltage Differential ........................ 30V
Operating Junction Temperature Range
Control Circuitry ............................ – 55
°C to 150°C
Power Transistor ........................... – 55
°C to 200°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
RH1083M
IN
OUT
ADJ
121
Ω
1k
RH1083 BI
18V
–18V
CAPACITOR(S) NOT SHOWN
2
1
VIN
CASE
IS OUTPUT
ADJ
K PACKAGE
2-LEAD TO-3 METAL CAN
(STEEL)
BOTTOM VIEW
, LTC and LT are registered trademarks of Linear Technology Corporation.
PACKAGE I FOR ATIO


Similar Part No. - RH1083M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1083M LINER-RH1083M Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
More results

Similar Description - RH1083M

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
7.5A Low Dropout Positive Voltage Regulator
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com