Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1083M Datasheet(PDF) 3 Page - Linear Technology

Part # RH1083M
Description  7.5A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1083M Datasheet(HTML) 3 Page - Linear Technology

  RH1083M Datasheet HTML 1Page - Linear Technology RH1083M Datasheet HTML 2Page - Linear Technology RH1083M Datasheet HTML 3Page - Linear Technology RH1083M Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
RH1083M
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation)
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS
Reference Voltage (Note 3)
IOUT = 10mA (VIN – VOUT) = 3V
1.234
1.258
1.232
1.257
1.227
1.253 1.223
1.247
1.216
1.241
V
10mA
≤ IOUT ≤ IFULLLOAD
1.210
1.275
1.219
1.275
1.215
1.275 1.210
1.275
1.203
1.275
V
1.5V
≤ (VIN – VOUT) ≤ 15V
Line Regulation (Notes 1, 2)
IOUT = 10mA
1.5V
≤ (VIN – VOUT) ≤ 15V
0.2
0.21
0.23
0.25
0.3
%
15V
≤ (VIN – VOUT) ≤ 30V
0.5
0.5
0.5
0.5
0.5
%
Load Regulation (Notes 1, 2, 3)
(VIN – VOUT) = 3V
0.3
0.3
0.3
0.35
0.4
%
10mA
≤ IOUT ≤ IFULL LOAD
Dropout Voltage (Note 4)
ΔVREF = 1%, IOUT = IFULL LOAD
1.5
1.55
1.65
1.8
2.0
V
Current Limit
(VIN – VOUT ) = 5V
8
8
7.95
7.85
7.75
V
(VIN – VOUT ) = 25V
0.4
0.4
0.4
0.4
0.4
V
Minimum Load Current
(VIN – VOUT ) = 25V
10
10
10
10
10
mA
Adjust Pin Current
120
120
120
120
120
μA
Adjust Pin Current Change
10mA
≤ IOUT ≤ IFULLLOAD
55
5
5
5
μA
(Note 5)
1.5V
≤ (VIN – VOUT) ≤ 15V
10KRAD(Si)
20KRAD(Si)
50KRAD(Si)
100KRAD(Si)
200KRAD(Si)
TABLE 2: ELECTRICAL TEST REQUIRE E TS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3
Group A Test Requirements (Method 5005)
1,2,3
Group C and D End-Point Electrical Parameters
1,2,3
(Method 5005)
* PDA Applies to subgroup 1. See PDA Test Notes.
Note 1: See thermal regulation specifications for changes in output voltage
due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
Note 2: Line and load regulation are guaranteed up to the maximum power
dissipation of 60W for RH1083M. Power dissipation is determined by the
input-to-output differential voltage and the output current. Guaranteed
maximum power dissipation will not be available over the full input-to-
output voltage range.
Note 3: IFULL LOAD is defined in the current limit curves in the standard
data sheet. IFULLLOAD curve is defined as the minimum value of current
limit as a function of input-to-output voltage. Note that the 60W power
dissipation for the RH1083M is achievable over a limited range of input-to-
output voltage. For compliance with 883 revision C current density
specifications, the RH1083M is rated for 5A.
Note 4: Dropout voltage is specified over the full output current range of
the device. Test points and limits are shown on the Dropout Voltage curve
in the standard data sheet.
Note 5: Guaranteed by design, characterization, or correlation to other
tested parameters.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883 Class B. The verified failures of group A, subgroup
1, after burn-in divided by the total number of devices submitted for burn-
in in that lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com