Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABD Datasheet(PDF) 9 Page - Linear Technology

Part # LABD
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LABD Datasheet(HTML) 9 Page - Linear Technology

Back Button LABD Datasheet HTML 5Page - Linear Technology LABD Datasheet HTML 6Page - Linear Technology LABD Datasheet HTML 7Page - Linear Technology LABD Datasheet HTML 8Page - Linear Technology LABD Datasheet HTML 9Page - Linear Technology LABD Datasheet HTML 10Page - Linear Technology LABD Datasheet HTML 11Page - Linear Technology LABD Datasheet HTML 12Page - Linear Technology LABD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1395/LT1396/LT1397
139567fc
PIN FUNCTIONS
LT1395CS5
OUT (Pin 1): Output.
V – (Pin 2): Negative Supply Voltage, Usually –5V.
+IN (Pin 3): Noninverting Input.
–IN (Pin 4): Inverting Input.
V+ (Pin 5): Positive Supply Voltage, Usually 5V.
LT1395CS6
OUT (Pin 1): Output.
V – (Pin 2): Negative Supply Voltage, Usually –5V.
+IN (Pin 3): Noninverting Input.
–IN (Pin 4): Inverting Input.
EN (Pin 5): Enable Pin. Logic low to enable.
V+ (Pin 6): Positive Supply Voltage, Usually 5V.
LT1395CS8
NC (Pin 1): No Connection.
– IN (Pin 2): Inverting Input.
+ IN (Pin 3): Noninverting Input.
V – (Pin 4): Negative Supply Voltage, Usually – 5V.
NC (Pin 5): No Connection.
OUT (Pin 6): Output.
V + (Pin 7): Positive Supply Voltage, Usually 5V.
NC (Pin 8): No Connection.
LT1396CMS8, LT1396CS8, LT1396CDD
OUT A (Pin 1): A Channel Output.
– IN A (Pin 2): Inverting Input of A Channel Amplifier.
+ IN A (Pin 3): Noninverting Input of A Channel Amplifier.
V – (Pin 4): Negative Supply Voltage, Usually – 5V.
+ IN B (Pin 5): Noninverting Input of B Channel Amplifier.
– IN B (Pin 6): Inverting Input of B Channel Amplifier.
OUT B (Pin 7): B Channel Output.
V + (Pin 8): Positive Supply Voltage, Usually 5V.
LT1397CS, LT1397CDE, LT1397HDE
OUT A (Pin 1): A Channel Output.
– IN A (Pin 2): Inverting Input of A Channel Amplifier.
+ IN A (Pin 3): Noninverting Input of A Channel Amplifier.
V + (Pin 4): Positive Supply Voltage, Usually 5V.
+ IN B (Pin 5): Noninverting Input of B Channel Amplifier.
– IN B (Pin 6): Inverting Input of B Channel Amplifier.
OUT B (Pin 7): B Channel Output.
OUT C (Pin 8): C Channel Output.
– IN C (Pin 9): Inverting Input of C Channel Amplifier.
+ IN C (Pin 10): Noninverting Input of C Channel Amplifier.
V – (Pin 11): Negative Supply Voltage, Usually – 5V.
+ IN D (Pin 12): Noninverting Input of D Channel Amplifier.
– IN D (Pin 13): Inverting Input of D Channel Amplifier.
OUT D (Pin 14): D Channel Output.
LT1397CGN
OUT A (Pin 1): A Channel Output.
– IN A (Pin 2): Inverting Input of A Channel Amplifier.
+ IN A (Pin 3): Noninverting Input of A Channel Amplifier.
V + (Pin 4): Positive Supply Voltage, Usually 5V.
+ IN B (Pin 5): Noninverting Input of B Channel Amplifier.
– IN B (Pin 6): Inverting Input of B Channel Amplifier.
OUT B (Pin 7): B Channel Output.
NC (Pin 8): No Connection.
NC (Pin 9): No Connection.
OUT C (Pin 10): C Channel Output.
– IN C (Pin 11): Inverting Input of C Channel Amplifier.
+ IN C (Pin 12): Noninverting Input of C Channel Amplifier.
V – (Pin 13): Negative Supply Voltage, Usually – 5V.
+ IN D (Pin 14): Noninverting Input of D Channel Amplifier.
– IN D (Pin 15): Inverting Input of D Channel Amplifier.
OUT D (Pin 16): D Channel Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com