Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABD Datasheet(PDF) 3 Page - Linear Technology

Part # LABD
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LABD Datasheet(HTML) 3 Page - Linear Technology

  LABD Datasheet HTML 1Page - Linear Technology LABD Datasheet HTML 2Page - Linear Technology LABD Datasheet HTML 3Page - Linear Technology LABD Datasheet HTML 4Page - Linear Technology LABD Datasheet HTML 5Page - Linear Technology LABD Datasheet HTML 6Page - Linear Technology LABD Datasheet HTML 7Page - Linear Technology LABD Datasheet HTML 8Page - Linear Technology LABD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1395/LT1396/LT1397
139567fc
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1396CDD#PBF
LT1396CDD#TRPBF
LABD
8-Lead (3mm
× 3mm) Plastic DFN
–40
°C to 85°C
LT1397CDE#PBF
LT1397CDE#TRPBF
1397
14-Lead (4mm
× 3mm) Plastic DFN
–40
°C to 85°C
LT1397HDE#PBF
LT1397HDE#TRPBF
1397
14-Lead (4mm
× 3mm) Plastic DFN
–40
°C to 125°C
LT1397CGN#PBF
LT1397CGN#TRPBF
1397
16-Lead Plastic SSOP
–40
°C to 85°C
LT1396CMS8#PBF
LT1396CMS8#TRPBF
LTDY
8-Lead Plastic MSOP
–40
°C to 85°C
LT1397CS#PBF
LT1397CS#TRPBF
1397CS
14-Lead Plastic SO
–40
°C to 85°C
LT1395CS5#PBF
LT1395CS5#TRPBF
LTMA
5-Lead Plastic SOT-23
–40
°C to 85°C
LT1395CS6#PBF
LT1395CS6#TRPBF
LTMF
6-Lead Plastic SOT-23
–40
°C to 85°C
LT1395CS8#PBF
LT1395CS8#TRPBF
1395
8-Lead Plastic SO
–40
°C to 85°C
LT1396CS8#PBF
LT1396CS8#TRPBF
1396
8-Lead Plastic SO
–40
°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1396CDD
LT1396CDD#TR
LABD
8-Lead (3mm
× 3mm) Plastic DFN
–40
°C to 85°C
LT1397CDE
LT1397CDE#TR
1397
14-Lead (4mm
× 3mm) Plastic DFN
–40
°C to 85°C
LT1397HDE
LT1397HDE#TR
1397
14-Lead (4mm
× 3mm) Plastic DFN
–40
°C to 125°C
LT1397CGN
LT1397CGN#TR
1397
16-Lead Plastic SSOP
–40
°C to 85°C
LT1396CMS8
LT1396CMS8#TR
LTDY
8-Lead Plastic MSOP
–40
°C to 85°C
LT1397CS
LT1397CS#TR
1397CS
14-Lead Plastic SO
–40
°C to 85°C
LT1395CS5
LT1395CS5#TR
LTMA
5-Lead Plastic SOT-23
–40
°C to 85°C
LT1395CS6
LT1395CS6#TR
LTMF
6-Lead Plastic SOT-23
–40
°C to 85°C
LT1395CS8
LT1395CS8#TR
1395
8-Lead Plastic SO
–40
°C to 85°C
LT1396CS8
LT1396CS8#TR
1396
8-Lead Plastic SO
–40
°C to 85°C
ORDER I FOR ATIO
PI CO FIGURATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on nonstandard lead based finish parts.
*Temperature grades are identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE (1396)
8-LEAD PLASTIC SO
+
–
+
–
TJMAX = 150°C, θJA = 150°C/W
TJMAX = 150°C, θJA = 230°C/W
OUT 1
V – 2
+IN 3
6 V+
5 EN
4 –IN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
+
–
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V–
S8 PACKAGE (1395)
8-LEAD PLASTIC SO
+
–
TJMAX = 150°C, θJA = 150°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com