Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABD Datasheet(PDF) 12 Page - Linear Technology

Part # LABD
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LABD Datasheet(HTML) 12 Page - Linear Technology

Back Button LABD Datasheet HTML 8Page - Linear Technology LABD Datasheet HTML 9Page - Linear Technology LABD Datasheet HTML 10Page - Linear Technology LABD Datasheet HTML 11Page - Linear Technology LABD Datasheet HTML 12Page - Linear Technology LABD Datasheet HTML 13Page - Linear Technology LABD Datasheet HTML 14Page - Linear Technology LABD Datasheet HTML 15Page - Linear Technology LABD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1395/LT1396/LT1397
139567fc
S
APPLICATI
I FOR ATIO
input impedance when considered in parallel with R10.
R10 also connects to the inverting input of amplifier A2,
adding the B contribution to the Y signal as discussed
above. Amplifier A4 is configured in a noninverting gain
of 2 configuration with the bottom of the gain resistor R4
tied to the Y output. The output of amplifier A4 thus
results in the color-difference output B-Y.
The G input also arrives via 75
Ω coax and adds its
contribution to the Y signal via a 432
Ω resistor R9, which
is tied to the inverting input of amplifier A2. There is also
a 90.9
Ω termination resistor R12, which yields a 75Ω
termination when considered in parallel with R9. Using
superposition, it is straightforward to determine the
output of amplifier A2. Although inverted, it sums the R,
G and B signals in the standard proportions of 0.3R,
0.59G and 0.11B that are used to create the Y signal.
Amplifier A3 then inverts and amplifies the signal by 2,
resulting in the Y output.
Buffered Color-Difference to RGB Matrix
An LT1395 combined with an LT1396 can be used to
create buffered RGB outputs from color-difference sig-
nals (Figure 5). The R output is a back-terminated 75
Ω
signal created using resistor R5 and amplifier A1 config-
ured for a gain of +4 via resistors R3 and R4. The
noninverting input of amplifier A1 is connected via 1k
resistors R1 and R2 to the Y and R-Y inputs respectively,
resulting in cancellation of the Y signal at the amplifier
input. The remaining R signal is then amplified by A1.
The B output is also a back-terminated 75
Ω signal
created using resistor R16 and amplifier A3 configured
for a gain of +4 via resistors R14 and R15. The noninverting
input of amplifier A3 is connected via 1k resistors R12
and R13 to the Y and B-Y inputs respectively, resulting in
cancellation of the Y signal at the amplifier input. The
remaining B signal is then amplified by A3.
The G output is the most complicated of the three. It is a
weighted sum of the Y, R-Y and B-Y inputs. The Y input
is attenuated via resistors R6 and R7 such that amplifier
A2’s noninverting input sees 0.83Y. Using superposition,
we can calculate the positive gain of A2 by assuming that
R8 and R9 are grounded. This results in a gain of 2.41 and
a contribution at the output of A2 of 2Y. The R-Y input is
amplified by A2 with the gain set by resistors R8 and R10,
giving an amplification of –1.02. This results in a contri-
bution at the output of A2 of 1.02Y – 1.02R. The B-Y input
is amplified by A2 with the gain set by resistors R9 and
R10, giving an amplification of – 0.37. This results in a
contribution at the output of A2 of 0.37Y – 0.37B.
If we now sum the three contributions at the output of A2,
we get:
A2OUT = 3.40Y – 1.02R – 0.37B
It is important to remember though that Y is a weighted
sum of R, G and B such that:
Y = 0.3R + 0.59G + 0.11B
If we substitute for Y at the output of A2 we then get:
A2OUT = (1.02R – 1.02R) + 2G + (0.37B – 0.37B)
= 2G
The back-termination resistor R11 then halves the output
of A2 resulting in the G output.
Figure 5. Buffered Color-Difference to RGB Matrix
–
+
A2
LT1395
R7
1k
B-Y
R-Y
Y
R10
267
Ω
R11
75
Ω
R6
205
Ω
R2
1k
R1
1k
R8
261
Ω
R9
698
Ω
–
+
A3
1/2 LT1396
R14
267
Ω
B
G
R16
75
Ω
R12
1k
R13
1k
R15
88.7
Ω
ALL RESISTORS 1%
VS = ± 5V
–
+
A1
1/2 LT1396
R3
267
Ω
R
R5
75
Ω
R4
88.7
Ω
1395/6/7 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com