Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABD Datasheet(PDF) 11 Page - Linear Technology

Part # LABD
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LABD Datasheet(HTML) 11 Page - Linear Technology

Back Button LABD Datasheet HTML 7Page - Linear Technology LABD Datasheet HTML 8Page - Linear Technology LABD Datasheet HTML 9Page - Linear Technology LABD Datasheet HTML 10Page - Linear Technology LABD Datasheet HTML 11Page - Linear Technology LABD Datasheet HTML 12Page - Linear Technology LABD Datasheet HTML 13Page - Linear Technology LABD Datasheet HTML 14Page - Linear Technology LABD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1395/LT1396/LT1397
139567fc
it is important to keep the EN pin at least 3V below the V +
supply. If a V + of less than 3V is desired, and the amplifier
will remain enabled at all times, then the EN pin should be
tied to the V – supply. The enable pin current is approxi-
mately 30
µA when activated. If using CMOS open-drain
logic, an external 1k pull-up resistor is recommended to
ensure that the LT1395CS6 remains disabled in spite of
any CMOS drain leakage currents.
The enable/disable times are very fast when driven from
standard 5V CMOS logic. The LT1395CS6 enables in
about 30ns (50% point to 50% point) while operating on
±5V supplies (Figure 2). Likewise, the disable time is
approximately 40ns (50% point to 50% point) (Figure 3).
Figure 2. Amplifier Enable Time, AV = 2
VS = ±5V
VIN = 1V
RF = 255Ω
RG = 255Ω
RL = 100Ω
1395/6/7 F02
OUTPUT
EN
Figure 3. Amplifier Disable Time, AV = 2
VS = ±5V
VIN = 1V
RF = 255Ω
RG = 255Ω
RL = 100Ω
1395/6/7 F03
OUTPUT
EN
S
APPLICATI
I FOR ATIO
Differential Input Signal Swing
To avoid any breakdown condition on the input transis-
tors, the differential input swing must be limited to
±5V. In
normal operation, the differential voltage between the
input pins is small, so the
±5V limit is not an issue.
Buffered RGB to Color-Difference Matrix
An LT1397 can be used to create buffered color-differ-
ence signals from RGB inputs (Figure 4). In this applica-
tion, the R input arrives via 75
Ω coax. It is routed to the
noninverting input of LT1397 amplifier A1 and to a 845
Ω
resistor R8. There is also an 82.5
Ω termination resistor
R11, which yields a 75
Ω input impedance at the R input
when considered in parallel with R8. R8 connects to the
inverting input of a second LT1397 amplifier (A2), which
also sums the weighted G and B inputs to create a
–0.5 • Y output. LT1397 amplifier A3 then takes the
–0.5 • Y output and amplifies it by a gain of –2, resulting
in the Y output. Amplifier A1 is configured in a noninvert-
ing gain of 2 with the bottom of the gain resistor R2 tied
to the Y output. The output of amplifier A1 thus results in
the color-difference output R-Y.
The B input is similar to the R input. It arrives via 75
Ω
coax, and is routed to the noninverting input of LT1397
amplifier A4, and to a 2320
Ω resistor R10. There is also
a 76.8
Ω termination resistor R13, which yields a 75Ω
Figure 4. Buffered RGB to Color-Difference Matrix
A2
1/4 LT1397
A3
1/4 LT1397
–
+
A1
1/4 LT1397
R7
255
Ω
R6
127
Ω
R5
255
Ω
R10
2320
Ω
R9
432
Ω
R11
82.5
Ω
R
G
B
R12
90.9
Ω
R13
76.8
Ω
ALL RESISTORS 1%
VS = ±5V
R8
845
Ω
75
Ω
SOURCES
R1
255
Ω
R2
255
Ω
R4
255
Ω
R3
255
Ω
B-Y
Y
R-Y
1395/6/7 F04
A4
1/4 LT1397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com