Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTMF Datasheet(PDF) 7 Page - Linear Technology

Part # LTMF
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTMF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTMF Datasheet HTML 3Page - Linear Technology LTMF Datasheet HTML 4Page - Linear Technology LTMF Datasheet HTML 5Page - Linear Technology LTMF Datasheet HTML 6Page - Linear Technology LTMF Datasheet HTML 7Page - Linear Technology LTMF Datasheet HTML 8Page - Linear Technology LTMF Datasheet HTML 9Page - Linear Technology LTMF Datasheet HTML 10Page - Linear Technology LTMF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1395/LT1396/LT1397
139567fc
Capacitive Load
vs Output Series Resistor
Supply Current vs Supply Voltage
CAPACITIVE LOAD (pF)
10
0
10
20
40
100
1000
1395/6/7 G14
30
RF = RG = 255Ω
VS = ± 5V
OVERSHOOT < 2%
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Voltage Noise and Current
Noise vs Frequency
FREQUENCY (Hz)
10
10
100
1000
30
100 300
1k
3k
10k 30k 100k
1395/6/7 G10
1
–in
+in
en
FREQUENCY (Hz)
10k
0.01
1
100
1M
10M
100k
100M
1395/6/7 G11
0.1
10
RF = RG = 255Ω
RL = 50Ω
AV = +2
VS = ± 5V
Output Impedance vs Frequency
Maximum Capacitive Load
vs Feedback Resistor
FEEDBACK RESISTANCE (
Ω)
300
1
10
100
1000
900
1500
2100
2700
3300
1395/6/7 G13
RF = RG
AV = +2
VS = ± 5V
PEAKING
≤ 5dB
FREQUENCY (Hz)
100k
100
1k
10k
100k
1M
10M
100M
1395/6/7 G12
RF = 374Ω
AV = +1
VS = ± 5V
SUPPLY VOLTAGE (
±V)
0
0
1
3
4
5
2
4
59
1395/6/7 G15
2
13
6
7
8
6
EN = V –
EN = 0V,
ALL NON-DISABLE DEVICES
LT1395CS6 Output Impedance
(Disabled) vs Frequency
PSRR vs Frequency
Maximum Undistorted Output
Voltage vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
90
80
60
40
30
1k
100k
1M
100M
1395/6/7 G07
100
10k
10M
50
70
110
HD2
HD3
TA = 25°C
RF = RG = 255Ω
RL = 100Ω
VS = ± 5V
VOUT = 2VPP
FREQUENCY (Hz)
1M
2
3
4
5
6
8
10M
100M
1395/6/7 G08
7
AV = +1
AV = +2
TA = 25°C
RF = 374Ω (AV = 1)
RF = RG = 255Ω (AV = 2)
RL = 100Ω
VS = ± 5V
FREQUENCY (Hz)
20
40
50
70
80
10k
1M
10M
100M
1395/6/7 G09
0
100k
60
30
10
+ PSRR
– PSRR
TA = 25°C
RF = RG = 255Ω
RL = 100Ω
AV = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com