Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTMF Datasheet(PDF) 20 Page - Linear Technology

Part # LTMF
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTMF Datasheet(HTML) 20 Page - Linear Technology

Back Button LTMF Datasheet HTML 12Page - Linear Technology LTMF Datasheet HTML 13Page - Linear Technology LTMF Datasheet HTML 14Page - Linear Technology LTMF Datasheet HTML 15Page - Linear Technology LTMF Datasheet HTML 16Page - Linear Technology LTMF Datasheet HTML 17Page - Linear Technology LTMF Datasheet HTML 18Page - Linear Technology LTMF Datasheet HTML 19Page - Linear Technology LTMF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1395/LT1396/LT1397
139567fc
©LINEAR TECHNOLOGY CORPORATION 1999
LT 0207 REV C • PRINTED IN USA
APPLICATI
TYPICAL
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1227/LT1229/LT1230
140MHz Single/Dual/Quad Current Feedback Amplifier
1100V/
µs Slew Rate, Single Adds Shutdown Pin
LT1252/LT1253/LT1254
Low Cost Video Amplifiers
Single, Dual and Quad 100MHz Current Feedback Amplifiers
LT1363/LT1364/LT1365
70MHz Single/Dual/Quad Op Amps
1000V/
µs Slew Rate, Voltage Feedback
LT1398/LT1399
Dual/Triple Current Feedback Amplifiers
300MHz Bandwidth, 0.1dB Flatness > 150MHz with Shutdown
LT1675
Triple 2:1 Buffered Video Multiplexer
2.5ns Switching Time, 250MHz Bandwidth
LT6559
Low Cost Triple Current Feedback Amplifiers
300MHz Bandwidth, Specified at +5V and
±5V, 3mm × 3mm
QFN Package
RELATED PARTS
Figure 6. Single Supply RGB Video Amplifier (1 of 4 Channels)
–
+
A1
LT1395
D1
1N4148
C1
4.7
µF
D2
1N4148
R9
75
Ω
R8
255
Ω
VS
6V TO 12V
R7
255
Ω
R5
2.32
Ω
R4
75
Ω
VIN
R2
1300
Ω
R1
1000
Ω
5V
R6
84.5
Ω
R3
160
Ω
VOUT
1395/6/7 TA03
Single Supply RGB Video Amplifier
The LT1395 can be used with a single supply voltage of
6V or more to drive ground-referenced RGB video. In
Figure 6, two 1N4148 diodes D1 and D2 have been placed
in series with the output of the LT1395 amplifier A1 but
within the feedback loop formed by resistor R8. These
diodes effectively level-shift A1’s output downward by 2
diodes, allowing the circuit output to swing to ground.
Amplifier A1 is used in a positive gain configuration. The
feedback resistor R8 is 255
Ω.Thegainresistoriscreated
from the parallel combination of R6 and R7, giving a
Thevenin equivalent 63.5
Ω connected to 3.75V. This
gives an AC gain of + 5 from the noninverting input of
amplifier A1 to the cathode of D2. However, the video
input is also attenuated before arriving at A1’s positive
input. Assuming a 75
Ω source impedance for the signal
driving VIN, the Thevenin equivalent signal arriving at
A1’s positive input is 3V + 0.4VIN, with a source imped-
ance of 714
Ω. The combination of these two inputs gives
an output at the cathode of D2 of 2 • VIN with no additional
DC offset. The 75
Ω back termination resistor R9 halves
the signal again such that VOUT equals a buffered version
of VIN.
It is important to note that the 4.7
µF capacitor C1 has
been added to provide enough current to maintain the
voltage drop across diodes D1 and D2 when the circuit
output drops low enough that the diodes might otherwise
turn off. This means that this circuit works fine for
continuous video input, but will require that C1 charge up
after a period of inactivity at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com