Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTMF Datasheet(PDF) 6 Page - Linear Technology

Part # LTMF
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTMF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTMF Datasheet HTML 2Page - Linear Technology LTMF Datasheet HTML 3Page - Linear Technology LTMF Datasheet HTML 4Page - Linear Technology LTMF Datasheet HTML 5Page - Linear Technology LTMF Datasheet HTML 6Page - Linear Technology LTMF Datasheet HTML 7Page - Linear Technology LTMF Datasheet HTML 8Page - Linear Technology LTMF Datasheet HTML 9Page - Linear Technology LTMF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1395/LT1396/LT1397
139567fc
Large-Signal Transient Response
(AV = – 1)
Large-Signal Transient Response
(AV = 2)
Large-Signal Transient Response
(AV = 1)
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Closed-Loop Gain vs Frequency
(AV = 1)
Closed-Loop Gain vs Frequency
(AV = – 1)
Closed-Loop Gain vs Frequency
(AV = 2)
SMALL SIGNAL
SMALL SIGNAL
SMALL SIGNAL
VS (V)
AV
RL (Ω)RF (Ω)RG (Ω)
– 3dB BW (MHz)
0.1dB BW (MHz)
PEAKING (dB)
±5
1
100
374
–
400
100
0.1
±5
2
100
255
255
350
100
0.1
±5
– 1
100
280
280
350
100
0.1
±5
3
500
221
110
300
100
0.1
±5
5
500
100
24.9
210
50
0.0
±5
10
500
90.9
10
65
10
0.0
±5
10
500
90.9
10
Ω||100pF
100
50
0.1
TYPICAL AC PERFOR A CE
1M
10M
1G
100M
FREQUENCY (Hz)
VS = ±5V
VIN = –10dBm
RF = 374Ω
RL = 100Ω
1395/6/7 G01
0
–2
–4
–6
6
4
2
0
VS = ±5V
VIN = –10dBm
RF = RG = 255Ω
RL = 100Ω
1M
10M
1G
100M
FREQUENCY (Hz)
1395/6/7 G02
0
–2
–4
–6
VS = ±5V
VIN = –10dBm
RF = RG = 280Ω
RL = 100Ω
1M
10M
1G
100M
FREQUENCY (Hz)
1395/6/7 G03
TIME (10ns/DIV)
VS = ±5V
VIN = ±2.5V
RF = 374Ω
RL = 100Ω
1395/6/7 G04
TIME (10ns/DIV)
VS = ±5V
VIN = ±1.25V
RF = RG = 255Ω
RL = 100Ω
1395/6/7 G05
TIME (10ns/DIV)
VS = ±5V
VIN = ±2.5V
RF = RG = 280Ω
RL = 100Ω
1395/6/7 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com