Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTMF Datasheet(PDF) 1 Page - Linear Technology

Part # LTMF
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTMF Datasheet(HTML) 1 Page - Linear Technology

  LTMF Datasheet HTML 1Page - Linear Technology LTMF Datasheet HTML 2Page - Linear Technology LTMF Datasheet HTML 3Page - Linear Technology LTMF Datasheet HTML 4Page - Linear Technology LTMF Datasheet HTML 5Page - Linear Technology LTMF Datasheet HTML 6Page - Linear Technology LTMF Datasheet HTML 7Page - Linear Technology LTMF Datasheet HTML 8Page - Linear Technology LTMF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1395/LT1396/LT1397
139567fc
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Single/Dual/Quad 400MHz
Current Feedback Amplifier
The LT
®1395/LT1396/LT1397 are single/dual/quad
400MHz current feedback amplifiers with an 800V/
µsslew
rate and the ability to drive up to 80mA of output current.
The LT1395/LT1396/LT1397 operate on all supplies from
a single 4V to
±6V. At ±5V, they draw 4.6mA of supply
current per amplifier. The LT1395CS6 also adds a shut-
down pin. When disabled, the LT1395CS6 draws virtually
zero supply current and its output becomes high imped-
ance. The LT1395CS6 will turn on in only 30ns and turn off
in 40ns, making it ideal in spread spectrum and portable
equipment applications.
For space limited applications, the LT1395 is available in
TSOT-23 packages, the LT1396 is available in a tiny 3mm
× 3mm × 0.75mm dual fine pitch leadless DFN package,
and the LT1397 is available in a tiny 4mm
× 3mm ×
0.75mm DFN package.
The LT1395/LT1396/LT1397 are manufactured on Linear
Technology’s proprietary complementary bipolar process.
They have standard single/dual/quad pinouts and they are
optimized for use on supply voltages of
±5V.
■ 400MHz Bandwidth on
±5V (AV = 1)
■ 350MHz Bandwidth on
±5V (AV = 2, –1)
■ 0.1dB Gain Flatness: 100MHz (AV = 1, 2 and –1)
■ High Slew Rate: 800V/
µs
■ Wide Supply Range:
±2V(4V) to ±6V(12V)
■ 80mA Output Current
■ Low Supply Current: 4.6mA/Amplifier
■ LT1395: SO-8, TSOT23-5 and TSOT23-6 Packages
LT1396: SO-8, MSOP and Tiny 3mm
× 3mm ×
0.75mm DFN-8 Packages
LT1397: SO-14, SSOP-16 and Tiny 4mm
× 3mm ×
0.75mm DFN-14 Packages
■ Cable Drivers
■ Video Amplifiers
■ MUX Amplifiers
■ High Speed Portable Equipment
■ IF Amplifiers
Unity-Gain Video Loop-Through Amplifier
Loop-Through Amplifier
Frequency Response
–
+
VOUT
1395/6/7 TA01
12.1k
0.67pF
RF2
255
Ω
1% RESISTORS
FOR A GAIN OF G:
VOUT = G (VIN+ – VIN–)
RF1 = RF2
RG1 = (5G – 1) RF2
RG2 =
TRIM CMRR WITH RG1
HIGH INPUT RESISTANCE
DOES NOT LOAD CABLE
EVEN WHEN POWER IS OFF
1/2
LT1396
RF2
(5G – 1)
RG2
63.4
Ω
RF1
255
Ω
RG1
1.02k
–
+
1/2
LT1396
3.01k
3.01k
12.1k
VIN–
VIN+
BNC INPUTS
0.67pF
FREQUENCY (Hz)
100
–60
–50
–40
–30
–20
–10
10
1k
10k
100k
1G
1395/6/7 TA02
1M
10M 100M
0
COMMON MODE SIGNAL
NORMAL SIGNAL
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTMF

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LTM ROITHNER-LTM Datasheet
35Kb / 1P
LASERDIODEMODULE TYPE
logo
Yuechung International ...
LTM YIC-LTM Datasheet
439Kb / 1P
LT Series of Ceramic Filter for Communication
logo
Weller Tools
LTM WELLER-LTM Datasheet
80Kb / 4P
Soldering Tips
logo
Lite-On Technology Corp...
LTM-0124M-01 LITEON-LTM-0124M-01 Datasheet
1Mb / 10P
LED Display
LTM-0137M LITEON-LTM-0137M Datasheet
1Mb / 12P
LED Display
More results

Similar Description - LTMF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
400MHz, 50mW Current-Feedback Op Amp
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
Quad Gray Scale Current Feedback Amplifier
logo
Linear Technology
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
Intersil Corporation
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Linear Technology
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com