Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT18 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HT18
Description  Electronic Telephone Line Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT18 Datasheet(HTML) 1 Page - Supertex, Inc

  HT18 Datasheet HTML 1Page - Supertex, Inc HT18 Datasheet HTML 2Page - Supertex, Inc HT18 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
HT18
HT19
Electronic Telephone Line Switch
General Description
The Supertex HT18LG and HT19LG are electronic line switch
circuits that replace the mechanical hook switch contact or a
discrete hook switch in a telephone handset or modem. They
switch the positive side of the telephone line using control inputs
that are referenced to the negative side of the line. In the off state,
they can withstand 350V on the positive input. In the on state
their series resistances are 18Ω maximum. The devices provide
current limiting determined by an external resistor. There are
three control inputs. The HKS pin turns on the hook switch when
connected to the TPG pin. This can be accomplished by using a
mechanical switch which closes when the handset is physically
off-hook. The LS pin allows a logic signal to turn on the hook
switch. The dial pulse, Pin 6, is used to turn the hook switch off
for pulse dialing. For the HT18, the dial pulse is active high (DP)
whereas for the HT19, it is active low (DP).
Features
❏ 350V breakdown voltage
❏ 18Ω maximum switch resistance
❏ Current limiting protection
❏ Operates at 2.0V input
Applications
❏ Telephone handsets
❏ Modems
❏ Fax machines
❏ Answering machines
❏ Remote meter reading
❏ Phone interface products
Absolute Maximum Ratings
V
TPG, Input line voltage
+350V
V
TP, Output line voltage
+18V
DP/DP continuous input voltage
+10V
Storage temperature
–65°C to +150°C
Junction temperature
+150°C
Soldering temperature*
+300°C
Power dissipation
0.8 Watt
Notes: All voltages are referenced to ground.
*Distance of 1.6mm from case for 10 seconds.
1
2
3
4
8
7
6
5
Pin Configuration
TPG
TP
HKS
CS
GND
DP/DP *
N/C
LS
Note: See Package Outline section for dimensions.
top view
SO-8
Package Option
Dial Pulse Pin
SO-8
Breakdown Voltage
Switch Resistance
DP/DP
350V
18Ω
Active High
HT18LG
350V
18Ω
Active Low
HT19LG
Ordering Information
* For HT18, Pin 6 is DP.
For HT19, Pin 6 is DP.
12/13/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HT18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT18 TSC-HT18 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT18 TSC-HT18 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
logo
Supertex, Inc
HT18 SUTEX-HT18 Datasheet
369Kb / 4P
Electronic Telephone Line Switch
logo
Taiwan Semiconductor Co...
HT18 TSC-HT18 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT18 TSC-HT18 Datasheet
376Kb / 4P
High Efficient Rectifiers
More results

Similar Description - HT18

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
Electronic Line Switch
logo
Fairchild Semiconductor
ML2021 FAIRCHILD-ML2021 Datasheet
93Kb / 11P
Telephone Line Equalizer
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
TELEPHONE LINE EQUALIZER
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
TELEPHONE LINE EQUALIZER
logo
Motorola, Inc
MC34010 MOTOROLA-MC34010 Datasheet
1Mb / 24P
ELECTRONIC TELEPHONE CIRCUIT
MC34011 MOTOROLA-MC34011 Datasheet
1,011Kb / 21P
ELECTRONIC TELEPHONE CIRCUIT
logo
Supertex, Inc
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
Electronic Telephone Line Switch
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
Electronic Telephone Line Switch
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
Electronic Telephone Line Switch
logo
STMicroelectronics
STELPD01 STMICROELECTRONICS-STELPD01 Datasheet
1Mb / 27P
Electronic load switch for power line
17-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com