Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1636CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1636CS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1636CS8 Datasheet HTML 3Page - Linear Technology LT1636CS8 Datasheet HTML 4Page - Linear Technology LT1636CS8 Datasheet HTML 5Page - Linear Technology LT1636CS8 Datasheet HTML 6Page - Linear Technology LT1636CS8 Datasheet HTML 7Page - Linear Technology LT1636CS8 Datasheet HTML 8Page - Linear Technology LT1636CS8 Datasheet HTML 9Page - Linear Technology LT1636CS8 Datasheet HTML 10Page - Linear Technology LT1636CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1636
1636fc
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
0
40
50
60
40
35
25
15
545
1636 G01
30
20
0
10
20
30
10
80
70
TA = 125°C
TA = 25°C
TA = –55°C
Supply Current vs Supply Voltage
COMMON MODE VOLTAGE (V)
4.0
–10
0
20
30
40
5.2 10 20 30 40
5000
1636 G03
10
4.4
4.8
50
1000
3000
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
Input Bias Current
vs Common Mode Voltage
SOURCING LOAD CURRENT (mA)
0.0001 0.001
0.01
0.1
1
0.01
0.1
1
10
100
1636 G04
VS = 5V
VOD = 30mV
TA = 125°C
TA = 25°C
TA = –55°C
Output Saturation Voltage
vs Load Current (Output High)
INPUT OVERDRIVE (mV)
0
60
80
100
80
1636 G06
40
20
50
70
90
30
10
0
20
40
60
10
90
30
50
70
100
OUTPUT HIGH
OUTPUT LOW
VS = ±2.5V
NO LOAD
Output Saturation Voltage
vs Input Overdrive
Output Saturation Voltage
vs Load Current (Output Low)
SINKING LOAD CURRENT (mA)
0.0001 0.001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1636 G05
VS = 5V
VOD = 30mV
TA = 125°C
TA = –55°C
TA = 25°C
Minimum Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
–300
–100
300
–200
200
100
0
12
3
4
1636 G02
5
0
TA = –55°C
TA = 125°C
TA = 25°C
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum. The
θJA specified for the DD package is with
minimal PCB heat spreading metal. A significant reduction in
θJA can be
obtained with expanded PCB metal area on all layers of a board.
Note 3: The LT1636C and LT1636I are guaranteed functional over the
operating temperature range of – 40
°C to 85°C. The LT1636H is
guaranteed functional over the operating temperature range of –40
°C to
125
°C.
Note 4: The LT1636C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1636C is designed, characterized and expected to
meet specified performance from – 40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1636I is guaranteed to meet
specified performance from – 40
°C to 85°C. The LT1636H is guaranteed to
meet specified performance from –40
°C to 125°C.
Note 5: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V or VS = ±22V tests.
Note 6: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V or VS = ±22V tests.
Note 7: Guaranteed by correlation to slew rate at VS = ±15V and GBW at
VS = 3V and VS = ±15V tests.
Note 8: This specification implies a typical input offset voltage of 600
µV at
VCM = 44V and a maximum input offset voltage of 3mV at VCM = 44V.
Note 9: This parameter is not 100% tested.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com