Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1636CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1636CS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1636CS8 Datasheet HTML 8Page - Linear Technology LT1636CS8 Datasheet HTML 9Page - Linear Technology LT1636CS8 Datasheet HTML 10Page - Linear Technology LT1636CS8 Datasheet HTML 11Page - Linear Technology LT1636CS8 Datasheet HTML 12Page - Linear Technology LT1636CS8 Datasheet HTML 13Page - Linear Technology LT1636CS8 Datasheet HTML 14Page - Linear Technology LT1636CS8 Datasheet HTML 15Page - Linear Technology LT1636CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1636
1636fc
TYPICAL APPLICATIONS
MUX Amplifier
MUX Amplifier Waveforms
–
+
LT1636
74HC04
1636 TA05
VIN1
VOUT
VIN2
INPUT
SELECT
SHDN
5V
5V
–
+
LT1636
SHDN
VS = 5V
VIN1 = 1.2kHz AT 4VP-P, VIN2 = 2.4kHz AT 2VP-P
INPUT SELECT = 120Hz AT 5VP-P
–
+
LT1636
1636 TA09
VIN
0.22
µF
CL ≤ 10,000pF
150
Ω
Optional Output Compensation for
Capacitive Loads Greater Than 200pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com