Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1636CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1636CS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1636CS8 Datasheet HTML 8Page - Linear Technology LT1636CS8 Datasheet HTML 9Page - Linear Technology LT1636CS8 Datasheet HTML 10Page - Linear Technology LT1636CS8 Datasheet HTML 11Page - Linear Technology LT1636CS8 Datasheet HTML 12Page - Linear Technology LT1636CS8 Datasheet HTML 13Page - Linear Technology LT1636CS8 Datasheet HTML 14Page - Linear Technology LT1636CS8 Datasheet HTML 15Page - Linear Technology LT1636CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1636
1636fc
LT/LT 0505 REV C • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
TYPICAL APPLICATIONS
RELATED PARTS
Lamp Outage Detector
Over-The-Top Current Sense
–
+
LT1636
5V TO 44V
5V
R1
200
Ω
RS
0.2
Ω
R2
2k
VOUT
(0V TO 4.3V)
1636 TA08
LOAD
ILOAD
VOUT
(RS)(R2/R1)
ILOAD =
–
+
LT1636
IN1
(0V TO 44V)
IN2
(0V TO 44V)
2N5087
2N5210
1636 TA03
1M
VOUT
1M
VCC
100
1M
10k
HYSTERESIS =
10k
1M
3V TO 44V
Over-The-Top Comparator with Hysteresis
Self-Buffered Micropower Reference
–
+
LT1636
1636 TA04
VOUT = 1.25V
IOUT ≤ 10mA
1N5711
LT1634-1.25
0.1
µF
1M
4V TO 44V
–
+
LT1636
5k
1M
5V TO 44V
3V
100k
0.5
Ω
LAMP
ON/OFF
OUT
1636 TA07
OUT = 0V FOR GOOD BULB
3V FOR OPEN BULB
PART NUMBER
DESCRIPTION
COMMENTS
LT1078/LT1079
Dual/Quad 55
µA Max, Single Supply, Precision Op Amps
Input/Output Common Mode Includes Ground, 70
µV VOS(MAX)
LT2078/LT2079
and 2.5
µV/°C Drift (Max), 200kHz GBW, 0.07V/µs Slew Rate
LT1178/LT1179
Dual/Quad 17
µA Max, Single Supply, Precison Op Amps
Input/Output Common Mode Includes Ground, 70
µV VOS(MAX)
LT2178/LT2179
and 4
µV/°C Drift (Max), 85kHz GBW, 0.04V/µs Slew Rate
LT1366/LT1367
Dual/Quad Precision, Rail-to-Rail Input and Output Op Amps
475
µV VOS(MAX), 500V/mV AVOL(MIN), 400kHz GBW
LT1490/LT1491
Dual/Quad Over-The-Top Micropower, Rail-to-Rail Input and
Single Supply Input Range: – 0.4V to 44V, Micropower 50
µA
Output Op Amps
per Amplifier, Rail-to-Rail Input and Output, 200kHz GBW
LT1637
Single Over-The-Top Micropower Rail-to-Rail Input and Output
1.1MHz, VCM Extends 44V above VEE,
Op Amp
Independent of VCC; MSOP Package, Shutdown Function
LT1638/LT1639
Dual/Quad 1.2MHz Over-The-Top Micropower, Rail-to-Rail
0.4V/
µs Slew Rate, 230µA Supply Current per Amplifier
Input and Output Op Amps
LT1782
Micropower, Over-The-Top, SOT-23, Rail-to-Rail
SOT-23, 800
µV VOS(MAX), IS = 55µA (Max),
Input and Output Op Amp
Gain-Bandwidth = 200kHz, Shutdown Pin
LT1783
1.2MHz, Over-The-Top, Micropower, Rail-to-Rail
SOT-23, 800
µV VOS(MAX), IS = 300µA (Max),
Input and Output Op Amp
Gain-Bandwidth = 1.2MHz, Shutdown Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com